Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3569 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3569
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3569 Datasheet HTML 16Page - Linear Technology LTC3569 Datasheet HTML 17Page - Linear Technology LTC3569 Datasheet HTML 18Page - Linear Technology LTC3569 Datasheet HTML 19Page - Linear Technology LTC3569 Datasheet HTML 20Page - Linear Technology LTC3569 Datasheet HTML 21Page - Linear Technology LTC3569 Datasheet HTML 22Page - Linear Technology LTC3569 Datasheet HTML 23Page - Linear Technology LTC3569 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3569
21
3569f
APPLICATIONS INFORMATION
Figure 8. Dual Programmable Buck DC/DC Regulators
Design Example 4: Dual 1A Bucks
VOUT = 1.6V, Burst Mode Operation
ILOAD (mA)
3569 F08b
100
90
80
70
60
50
40
0.1
1
1000
10000
100
10
BUCK 1
BUCK 2, 3
VIN = 2.5V
VIN = 5.5V
3569 F08
SVIN PVIN
SW1
PGND
SGND
SW2
SW3
PGOOD
FB1
EN1
EN2
EN3
MODE
RT
FB2
FB3
22μF
VIN 2.5V TO 5.5V
2.2μH
10μF
20pF
20pF
10μF
2.2μH
210k
162k
210k
162k
OUT1 800mA
1.2V STANDBY
1.6V ACTIVE
OUT2 800mA
1.2V STANDBY
1.6V ACTIVE
LTC3569
511k
VIN
VIN
DIGITAL
CONTROL
Design Example 4: Dual Programmable Bucks
In this example consider two buck regulators operating
from a 2.5V to 5.5V unregulated supply that are required
to generate two independently programmable supplies that
must step from 1.2V in standby up to 1.6V when active,
with a maximum load current of 0.8A when active and 1mA
in standby. Furthermore, when switching between active
and standby, the load voltage should not droop.
Buck 1 is selected for the first regulator, and buck 3 is
configured as a slave power stage in parallel with buck 2
by pulling FB3 up to VIN to obtain the required current level
for the second regulator. Burst Mode operation is selected
to achieve high efficiency during standby operation. The
internal 2.25MHz clock frequency is selected, as it satisfies
the minimum on-time requirement. Next, two reference
voltages are selected to match the ratio of the active to
standby voltages: 1.6V/1.2V = 1.3333. There are three
reference value ratios that match this ratio: 0.8V and 0.6V,
0.7V and 0.525V, and 0.6V and 0.45V. As the load cannot
tolerate a voltage droop when switching from standby to
active, the 0.7V and 0.525V references are selected to match
the ratio of output voltages. With this ratio, the buck does
not need to be shutdown as it would if the full scale 0.8V
reference level was chosen. The resistors shown in Figure 8
are selected to obtain the nearest feedback ratio from
standard 1% resistors. Calculating the inductor values
for 30% ripple current at maximum SVIN:
L = 1.6V/(2.25MHz•240mA)•(1–1.6V/5.5V) ≈ 2.2μH.
The output capacitor values are selected as the nearest
standard value to obtain 5% voltage droop at maximum
load current step.
COUT = 2.5•800mA/(2.25MHz•90mV) ≈ 10μF.
Select an output capacitor with an ESR of less than 50mΩ
to obtain an output voltage ripple of less than 30mV.
Finally select an input capacitor rated for the worst-case
short-circuit ripple current of 2 IPK/√3 ≈ 2.5A, when both
outputs are shorted to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com