Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4001-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4001-1
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC4001-1 Datasheet HTML 1Page - Linear Technology LTC4001-1 Datasheet HTML 2Page - Linear Technology LTC4001-1 Datasheet HTML 3Page - Linear Technology LTC4001-1 Datasheet HTML 4Page - Linear Technology LTC4001-1 Datasheet HTML 5Page - Linear Technology LTC4001-1 Datasheet HTML 6Page - Linear Technology LTC4001-1 Datasheet HTML 7Page - Linear Technology LTC4001-1 Datasheet HTML 8Page - Linear Technology LTC4001-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4001-1
1
40011fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2A Synchronous
Buck Li-Ion Charger
The LTC®4001-1 is a 2A Li-Ion battery charger intended for
5V wall adapters. It utilizes a 1.5MHz synchronous buck
converter topology to reduce power dissipation during
charging. Low power dissipation, an internal MOSFET and
sense resistor allow a physically small charger that can be
embedded in a wide range of handheld applications. The
LTC4001-1 includes complete charge termination circuitry,
automatic recharge and a ±1% 4.1V float voltage. Input
short-circuit protection is included so no blocking diode
is required.
This 4.1V version of the standard LTC4001 is intended
for applications which will be operated or stored above
approximately 60°C. Under these conditions, the reduced
float voltage will trade-off initial cell capacity for the benefit
of increased capacity retention over the life of the battery. A
reduced float voltage also minimizes swelling in prismatic
and polymer cells, and avoids open CID (pressure fuse)
in cylindrical cells.
Battery charge current, charge timeout and end-of-charge
indication parameters are set with external components.
Additional features include shorted cell detection, tempera-
ture qualified charging and overvoltage protection. The
LTC4001-1 is available in a low profile (0.75mm) 16-lead
(4mm × 4mm) QFN package.
2A Single Cell Li-Ion Battery Charger
n Low Power Dissipation
n 2A Maximum Charge Current
n No External MOSFETs, Sense Resistor or
Blocking Diode Required
n Remote Sensing at Battery Terminals
n Programmable Charge Termination Timer
n Preset 4.1V Float Voltage with ±0.5% Accuracy
n 4.1V Float Voltage Improves Battery Life and High
Temperature Safety Margin
n Programmable Charge Current Detection/
Termination
n Automatic Recharge
n Thermistor Input for Temperature Qualified
Charging
n Compatible with Current Limited Wall Adapters
n Low Profile 16-Lead (4mm × 4mm) QFN Package
n Handheld Battery-Powered Devices
n Handheld Computers
n Charging Docks and Cradles
n Digital Cameras
n Smart Phones
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Power Loss vs VBAT
Charging (PWM Mode)
VBAT (V)
3
0.75
1.00
1.25
4
40011 TA01b
0.50
0.25
0
3.25
3.5
3.75
4.25
VIN = 5V
2A CHARGER
+
PROG
EN
FAULT
NTC
CHRG
PGND
PVIN
VINSENSE
BAT
BATSENS
IDET TIMER
274Ω
0.22μF
10μF
40011 TA01a
4.1V
Li-Ion
10μF
VIN
4.5V TO 5.5V
0.1μF
SS
SW
SENSE
LTC4001-1
1.5μH
GNDSENS


Similar Part No. - LTC4001-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
2.5A Synchronous Buck 4 Cells Li-ion charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com