Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4001-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4001-1
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4001-1 Datasheet HTML 1Page - Linear Technology LTC4001-1 Datasheet HTML 2Page - Linear Technology LTC4001-1 Datasheet HTML 3Page - Linear Technology LTC4001-1 Datasheet HTML 4Page - Linear Technology LTC4001-1 Datasheet HTML 5Page - Linear Technology LTC4001-1 Datasheet HTML 6Page - Linear Technology LTC4001-1 Datasheet HTML 7Page - Linear Technology LTC4001-1 Datasheet HTML 8Page - Linear Technology LTC4001-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4001-1
4
40011fa
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency vs VIN
Oscillator Frequency
vs Temperature
Dissipation of Figure 8 Circuit
vs IBAT
Dissipation of Figure 8 Circuit
vs VIN
PROG Pin Characteristic
(VPROG vs IPROG)
Output Charging Characteristic
Showing Constant Current and
Constant Voltage Operation
Trickle Charge Current vs VBAT
VFLOAT and Recharge Battery
Threshold Voltage vs Temperature
(TA = 25°C unless otherwise noted)
VIN (V)
3
–0.25
0
0.25
4.5
5.5
40011 G01
–0.50
–0.75
–1.00
3.5
4
5
0.50
0.75
1.00
6
VBAT = 3.2V
VSS = 1V
TEMPERATURE (°C)
–50
0.4
0.6
0.8
110
40011 G02
0.2
0
–0.2
–30 –10 10 30 50 70 90
130 150
VIN = 5V
VBAT = 3.2V
VSS = 1V
IBAT (mA)
500
0.50
0.75
40011 G03
0.25
0
1000
1500
2000
1.25
1.00
VIN = 5V
VBAT = 4V
VIN (V)
4.25
1.0
1.2
1.4
5.25
40011 G04
0.8
0.6
4.5
4.75
5
5.5
0.4
0.2
0
IBAT = 2A
VBAT = 4V
IBAT = 1.5A
IBAT = 1A
IBAT = 500mA
IPROG (mA)
0
0.8
1.0
15
40011 G05
0.6
0.4
510
20
0.2
0
1.2
VIN = 5V
VBAT = 3.2V
VBAT = 4V
VBAT = 3.5V
VBAT = 3.7V
VBAT (V)
0
0
0.5
1.0
1.5
2.0
0.5
1
1.5
2
40011 G06
2.5
3
3.5
4
VBAT (V)
0
40
45
50
55
0.5
1
1.5
2
40011 G07
2.5
3
VIN = 5.5V
VIN = 5V
VIN = 4V
VIN = 4.5V
TEMPERATURE (°C)
3.9
4.0
4.1
4.2
–10
30
70
110
40011 G08
150
–30
–50
10
50
90
130
VFLOAT
VRECHARGE
(VBAT FALLING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com