Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430C323IPM Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430C323IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C323IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430C323IPM Datasheet HTML 9Page - Texas Instruments MSP430C323IPM Datasheet HTML 10Page - Texas Instruments MSP430C323IPM Datasheet HTML 11Page - Texas Instruments MSP430C323IPM Datasheet HTML 12Page - Texas Instruments MSP430C323IPM Datasheet HTML 13Page - Texas Instruments MSP430C323IPM Datasheet HTML 14Page - Texas Instruments MSP430C323IPM Datasheet HTML 15Page - Texas Instruments MSP430C323IPM Datasheet HTML 16Page - Texas Instruments MSP430C323IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B – MARCH 1999 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings†
Voltage applied at VCC to VSS (see Note 5)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any pin (referenced to VSS)
–0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode current at any device terminal
± 2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (unprogrammed device)
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tstg (programmed device)
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 5: All voltage values relative to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC (MSP430C32x)
2.5
5.5
V
Supply voltage, VCC (MSP430P/E325A)
2.5
5.5
V
Supply voltage, during programming OTP/EPROM
(AVCC = DVCC = VCC)
MSP430P325A, PMS430E325A
4.5
5
5.5
V
Supply voltage, VSS
0
V
Operating free air temperature range TA
MSP430C32x, MSP430P325A
–40
85
°C
Operating free-air temperature range, TA
PMS430E325A
25
°C
XTAL frequency, f(XTAL)
32 768
Hz
Processor frequency (signal MCLK) f(t
)
VCC = 3 V
DC
2.2
MHz
Processor frequency (signal MCLK), f(system)
VCC = 5 V
DC
3.3
MHz
Low-level input voltage, VIL (excluding Xin, Xout)
VSS
VSS+0.8
V
High-level input voltage, VIH (excluding Xin, Xout)
VCC = 3 V/5 V
0.7 VCC
VCC
V
Low-level input voltage, VIL(Xin, Xout)
VCC = 3 V/5 V
VSS
0.2
×VCC
V
High-level input voltage, VIH(Xin, Xout)
0.8
×VCC
VCC
V
2.5
3
5
5.5
f(MHz)
3.3
2.2
1.1
VCC (V)
VCC – Supply Voltage – V
Minimum
NOTE: Minimum processor frequency is defined by system clock.
Figure 1. Processor Frequency vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com