Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430C323IPM Datasheet(PDF) 17 Page - Texas Instruments

Part # MSP430C323IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C323IPM Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430C323IPM Datasheet HTML 13Page - Texas Instruments MSP430C323IPM Datasheet HTML 14Page - Texas Instruments MSP430C323IPM Datasheet HTML 15Page - Texas Instruments MSP430C323IPM Datasheet HTML 16Page - Texas Instruments MSP430C323IPM Datasheet HTML 17Page - Texas Instruments MSP430C323IPM Datasheet HTML 18Page - Texas Instruments MSP430C323IPM Datasheet HTML 19Page - Texas Instruments MSP430C323IPM Datasheet HTML 20Page - Texas Instruments MSP430C323IPM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B – MARCH 1999 – REVISED MARCH 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
DCO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(NOM)
DCO
NDCO = 1A0h, FN_4=FN_3=FN_2=0
VCC = 3 V/5 V
1
MHz
fDCO3
NDCO = 00 0110 0000 FN 4=FN 3=FN 2=0
VCC = 3 V
0.15
0.6
f(NOM)
fDCO3
NDCO = 00 0110 0000, FN_4=FN_3=FN_2=0
VCC = 5 V
0.18
0.62
MHz
f(NOM)
fDCO26
NDCO = 11 0100 0000 FN 4=FN 3=FN 2=0
VCC = 3 V
1.25
4.7
MHz
fDCO26
NDCO = 11 0100 0000 FN_4=FN_3=FN_2=0
VCC = 5 V
1.45
5.5
fDCO3
NDCO = 00 0110 0000 FN 4=FN 3=0 FN 2=1
VCC = 3 V
0.36
1.05
2xf(NOM)
fDCO3
NDCO = 00 0110 0000, FN_4=FN_3=0, FN_2=1
VCC = 5 V
0.39
1.2
MHz
2xf(NOM)
fDC26
NDCO = 11 0100 0000 FN 4=FN 3=0 FN 2=1
VCC = 3 V
2.5
8.1
MHz
fDC26
NDCO = 11 0100 0000, FN_4=FN_3=0, FN_2=1
VCC = 5 V
3
9.9
fDCO3
NDCO = 00 0110 0000 FN 4=0 FN 3= 1 FN 2=X
VCC = 3 V
0.5
1.5
3xf(NOM)
fDCO3
NDCO = 00 0110 0000, FN_4=0, FN_3= 1, FN_2=X
VCC = 5 V
0.6
1.8
MHz
3xf(NOM)
fDCO26
NDCO = 11 0100 0000 FN 4= 0 FN 3=1 FN 2=X
VCC = 3 V
3.7
11
MHz
fDCO26
NDCO = 11 0100 0000, FN_4= 0, FN_3=1, FN_2=X
VCC = 5 V
4.5
13.8
fDCO3
NDCO = 00 0110 0000 FN 4 =1 FN 3=FN 2=X
VCC = 3 V
0.7
1.85
4xf(NOM)
fDCO3
NDCO = 00 0110 0000 FN_4 =1, FN_3=FN_2=X
VCC = 5 V
0.8
2.4
MHz
4xf(NOM)
fDCO26
NDCO = 11 0100 0000 FN 4=1 FN 3=FN 2=X
VCC = 3 V
4.8
13.3
MHz
fDCO26
NDCO = 11 0100 0000, FN_4=1, FN_3=FN_2=X
VCC = 5 V
6
17.7
NDCO
fMCLK = fNOM , FN_4=FN_3=FN_2=0
VCC = 3 V/5 V
A0h
1A0h
340h
S
fNDCO+1 = S × fNDCO
VCC = 3 V/5 V
1.07
1.13
Legend
Tolerance at Tap 26
DCO Frequency
Adjusted by Bits
2∧9–2∧5 in SCFI1
Tolerance at Tap 3
4xfNOM
3xfNOM
2xfNOM
fNOM
f(DCO26)
f(DCO3)
f(DCO26)
f(DCO3)
f(DCO26)
f(DCO3)
f(DCO26)
f(DCO3)
FN_2 = 0
FN_3 = 0
FN_4 = 0
FN_2 = 1
FN_3 = 0
FN_4 = 0
FN_2 = X
FN_3 = 1
FN_4 = 0
FN_2 = X
FN_3 = X
FN_4 = 1
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com