Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E767161VGS821MP79C Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # E767161VGS821MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767161VGS821MP79C Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  E767161VGS821MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/8
U767D Series
U767D Specifications - Large Tubulars
Item
Category Temperature Range
55 to 125 C
Rated Voltage Range
6.3 to 250VDC
Capacitance Range
47 to 56,000 F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Vibration Rating
10 -1,000Hz, 20g, sinusoidal
(10 - 2,000Hz, 40g, sinusoidal available upon request)
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C
after subjecting them to the DC rated voltage for 3,000 hours at
125 C with the rated ripple
current applied. The sum of the DC voltage and peak AC voltage must not exceed the full
rated voltage of the capacitors.
Capacitance change:
≤ 15% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Impedance change :
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 1,000 hours at
125 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 10% from initial measurement
ESR change
:
≤ 150% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
Rated Ripple Current Multipliers
Ambient Temperature ( C)
Frequency (Hz )
I
K CV : K = 0.5 at
25 C, 4.0 at 125 C after 5 minutes.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
125 C
0.40
105 C
0.80
85 C
1.00
20k -100kHz
1.00
1kHz
0.82
300Hz
0.75
Engineering Bulletin Mar 07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com