Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E767161VGS821MP79C Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # E767161VGS821MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767161VGS821MP79C Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

  E767161VGS821MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767161VGS821MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
50 Volts
63 Volts Surge
35 Volts
44 Volts Surge
25 Volts
32 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/8
U767D Series
1,500
E767250VGS152MT29C
0.750
1.125
T29
32.0
39.0
7.0
2,700
E767250VGS272MT35C
0.750
1.375
T35
27.5
32.5
8.5
3,300
E767250VGS332MT41C
0.750
1.625
T41
23.0
26.0
10.0
4,700
E767250VGS472MT54C
0.750
2.125
T54
16.0
19.0
12.0
6,800
E767250VGS682MT67C
0.750
2.625
T67
13.0
16.0
15.0
8,200
E767250VGS822MT79C
0.750
3.125
T79
10.0
13.0
18.0
2,200
E767250VGS222MP29C
0.875
1.125
P29
25.0
27.0
10.5
3,300
E767250VGS332MP35C
0.875
1.375
P35
20.0
22.0
12.0
4,700
E767250VGS472MP41C
0.875
1.625
P41
15.0
17.0
13.5
6,800
E767250VGS682MP54C
0.875
2.125
P54
11.0
12.0
16.5
10,000
E767250VGS103MP67C
0.875
2.625
P67
8.5
10.0
20.0
12,000
E767250VGS123MP79C
0.875
3.125
P79
7.5
9.0
23.0
3,300
E767250VGS332MQ29C
1.000
1.125
Q29
17.0
21.0
13.5
5,600
E767250VGS562MQ35C
1.000
1.375
Q35
14.0
17.5
15.0
6,800
E767250VGS682MQ41C
1.000
1.625
Q41
11.0
14.0
16.5
10,000
E767250VGS103MQ54C
1.000
2.125
Q54
8.5
11.0
20.0
15,000
E767250VGS153MQ67C
1.000
2.625
Q67
7.0
9.0
23.0
18,000
E767250VGS183MQ79C
1.000
3.125
Q79
6.0
8.0
27.0
22,000
E767250VGS223MQ92C
1.000
3.625
Q92
5.0
8.0
32.0
1,000
E767350VGS102MT29C
0.750
1.125
T29
32.0
39.0
7.0
1,800
E767350VGS182MT35C
0.750
1.375
T35
27.5
32.5
8.5
2,200
E767350VGS222MT41C
0.750
1.625
T41
23.0
26.0
10.0
3,300
E767350VGS332MT54C
0.750
2.125
T54
16.0
19.0
12.0
4,700
E767350VGS472MT67C
0.750
2.625
T67
13.0
16.0
15.0
5,600
E767350VGS562MT79C
0.750
3.125
T79
10.0
13.0
18.0
1,500
E767350VGS152MP29C
0.875
1.125
P29
25.0
27.0
10.5
2,200
E767350VGS222MP35C
0.875
1.375
P35
20.0
22.0
12.0
3,300
E767350VGS332MP41C
0.875
1.625
P41
15.0
17.0
13.5
4,700
E767350VGS472MP54C
0.875
2.125
P54
11.0
12.0
16.5
6,800
E767350VGS682MP67C
0.875
2.625
P67
8.5
10.0
20.0
8,200
E767350VGS822MP79C
0.875
3.125
P79
7.5
9.0
23.0
2,200
E767350VGS222MQ29C
1.000
1.125
Q29
17.0
21.0
13.5
3,300
E767350VGS332MQ35C
1.000
1.375
Q35
14.0
17.5
15.0
4,700
E767350VGS472MQ41C
1.000
1.625
Q41
11.0
14.0
16.5
6,800
E767350VGS682MQ54C
1.000
2.125
Q54
8.5
11.0
20.0
10,000
E767350VGS103MQ67C
1.000
2.625
Q67
7.0
9.0
23.0
12,000
E767350VGS123MQ79C
1.000
3.125
Q79
6.0
8.0
27.0
15,000
E767350VGS153MQ92C
1.000
3.625
Q92
5.0
8.0
32.0
680
E767500VGS681MT29C
0.750
1.125
T29
94.5
118.1
5.6
1,200
E767500VGS122MT35C
0.750
1.375
T35
78.8
98.5
6.4
1,500
E767500VGS152MT41C
0.750
1.625
T41
63.1
78.9
7.4
2,200
E767500VGS222MT54C
0.750
2.125
T54
46.7
58.4
9.7
2,700
E767500VGS272MT67C
0.750
2.625
T67
29.0
36.3
12.5
3,900
E767500VGS392MT79C
0.750
3.125
T79
22.4
28.0
14.5
1,000
E767500VGS102MP29C
0.875
1.125
P29
62.1
77.6
7.2
1,500
E767500VGS152MP35C
0.875
1.375
P35
47.5
59.4
8.7
2,200
E767500VGS222MP41C
0.875
1.625
P41
32.8
41.0
10.7
3,900
E767500VGS392MP54C
0.875
2.125
P54
25.2
31.5
13.2
4,700
E767500VGS472MP67C
0.875
2.625
P67
18.3
22.9
16.3
5,600
E767500VGS562MP79C
0.875
3.125
P79
14.1
17.6
19.6
1,500
E767500VGS152MQ29C
1.000
1.125
Q29
47.8
59.8
8.5
2,200
E767500VGS222MQ35C
1.000
1.375
Q35
37.0
46.3
10.2
3,300
E767500VGS332MQ41C
1.000
1.625
Q41
26.0
32.5
12.6
4,700
E767500VGS472MQ54C
1.000
2.125
Q54
20.2
25.3
15.4
6,800
E767500VGS682MQ67C
1.000
2.625
Q67
16.1
20.1
18.2
8,200
E767500VGS822MQ79C
1.000
3.125
Q79
12.6
15.8
21.0
10,000
E767500VGS103MQ92C
1.000
3.625
Q92
10.6
13.3
24.6
Engineering Bulletin Mar 07
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
†
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
85 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
†For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com