Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ABT652ADBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ABT652ADBLE
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT652ADBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ABT652ADBLE Datasheet HTML 3Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 4Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 5Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 6Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 7Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 8Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 9Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 10Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54ABT652A, SN74ABT652A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS072F – JANUARY 1991 – REVISED MAY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT652A
SN74ABT652A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±100
±100
±100
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
50**
10
50
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–50**
–10
–50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
250
250
250
µA
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
30
30
30
mA
VI = VCC or GND
Outputs disabled
250
250
250
µA
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
7
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
12
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
** These limits apply only to the SN74ABT652A.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com