Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ABT652ADBLE Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ABT652ADBLE
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT652ADBLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ABT652ADBLE Datasheet HTML 7Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 8Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 9Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 10Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 11Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 12Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 13Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 14Page - Texas Instruments SN74ABT652ADBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9324202Q3A
ACTIVE
LCCC
FK
28
1
TBD
Call TI
Level-NC-NC-NC
5962-9324202QKA
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
5962-9324202QLA
ACTIVE
CDIP
JT
24
1
TBD
Call TI
Level-NC-NC-NC
SN74ABT652ADBLE
OBSOLETE
SSOP
DB
24
TBD
Call TI
Call TI
SN74ABT652ADBR
ACTIVE
SSOP
DB
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ADBRE4
ACTIVE
SSOP
DB
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ADW
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ADWE4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ADWR
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ADWRE4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ANSR
ACTIVE
SO
NS
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ANSRE4
ACTIVE
SO
NS
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT652ANT
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ABT652ANTE4
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SNJ54ABT652AFK
ACTIVE
LCCC
FK
28
1
TBD
Call TI
Level-NC-NC-NC
SNJ54ABT652AJT
ACTIVE
CDIP
JT
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54ABT652AW
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com