Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM-2 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # LSM-2
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-2 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Curves for LSM-10A D3 SMT Series
1
2
3
45
67
89
10
91
89
87
85
83
81
79
77
75
LSM-1/10-D3
Efficiency vs. Line Voltage and Load Current
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
1
2
3
45
67
89
10
95
94
93
92
91
90
89
88
87
LSM-1.8/10-D3
Efficiency vs. Line Voltage and Load Current
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
1
2
3
45
67
89
10
92
90
88
86
84
82
80
LSM-1.2/10-D3
Efficiency vs. Line Voltage and Load Current
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
94
93
92
91
90
89
88
87
86
85
LSM-1.5/10-D3
Efficiency vs. Line Voltage and Load Current
1
2
3
45
67
89
10
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
97
96
95
94
93
92
91
90
LSM-2.5/10-D3
Efficiency vs. Line Voltage and Load Current
1
2
3
45
67
89
10
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
1
2
3
45
67
89
10
95
94
93
92
91
90
89
88
87
LSM-2/10-D3
Efficiency vs. Line Voltage and Load Current
Load Current (Amps)
VIN = 3V
VIN = 3.3V
VIN = 3.6V
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 8 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com