Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM-2 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # LSM-2
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-2 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Tape & Reel Surface Mount Package
DATEL's LSM series DC/DC converters are the only higher-current (10A)
SMT DC/DC's that can be automatically "pick-and-placed" using standard
vacuum-pickup equipment (nozzle size and style, vacuum pressure and
placement speed may need to be optimized for automated pick and place)
and subsequently reflowed using high-temperature, lead-free solder.
Virtually all SMT DC/DC's today are unprotected "open-frame" devices
assembled by their vendors with high-temperature solder (usually
Sn96.5/Ag3.5 with a melting point +221°C) so that you may attach them
to your board using low-temperature solder (usually Sn63/Pb37 with a melt-
ing point of +183°C). Conceptually straightforward, this "stepped" solder
approach has its limitations, and it is clearly out of step with an industry
trending toward the broad use of lead-free solders. Are you to experiment
and develop reflow profiles from other vendors that ensure the components
on those DC/DC never exceed 215-216°C? If those components get too hot,
"double-reflow" could compromise the reliability of their solder joints. Virtually
all these devices demand you "cool down" the Sn63 profile you are likely
using today.
Figure 6. Reflow Solder Profile
DATEL is not exempted from the Laws of Physics, and we do not have magic
solders no one else has. Nevertheless, we have a simple and practical,
straightforward approach that works. We assemble our LSM SMT DC/DC's
using a high-temperature (+216°C), lead-free alloy (Sn96.2%, Ag2.5%,
Cu0.8%, Sb0.5%). The LSM design ensures co-planarity to within 0.004
inches (100μ1m) of the unit's copper leads. These leads are gold-plated with
a nickel underplate. See Mechanical Data for additional information.
The disposable heat shield (patent pending), which has a cutaway exposing
the package leads, provides thermal insulation to internal components during
reflow and its smooth surface ideally doubles as the vacuum pick-up location
also. The insulation properties of the heat shield are so effective that tem-
perature differentials as high as 50°C develop inside-to-outside the shield.
Oven temperature profiles with peaks of 250-260°C and dwell times exceed-
ing 2 minutes above 221°C (the melting point of Sn96.5/Ag3.5) are easily
achieved.
HEAT SHIELD OUTSIDE TEMPERATURE
Sn96.5/Ag3.5 Melting Point
Sn63/Pb37 Melting Point
250
200
150
100
50
0
50
100
150
200
250
300
350
400
221
183
PCB TEMPERATURE INSIDE THE HEAT SHIELD
Time (Seconds)
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 12 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com