Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VR110B080CS-1C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # VR110B080CS-1C
Description  Solutions for Intel짰 VRM 11.0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR110B080CS-1C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  VR110B080CS-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 6Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 7Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VR110 Series_B13 Page 4 of 8
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR110 Series
Solutions for Intel® VRM 11.0
TYPICAL EFFICIENCY CURVE – VR110B080CU-1C (80A, 1U, No heatsink)
Typical Performance Curves - Efficiency
(VIN= 12V; VID = 1.325V; TAMB = 25°C with 400 LFM airflow)
TYPICAL EFFICIENCY CURVE – VR110B080CA-1C (80A, 0.66U)
–5
5
015
10
45
60
20
65 70
25 30 35 40
55
50
75 80
0.90
0.85
0.80
0.75
0.70
0.60
0.65
Output Current
TYPICAL EFFICIENCY CURVE – All 150A models
010
60
20
70
30
40
50
80
90 100 110 120 130
0.90
0.95
0.85
0.80
0.75
0.70
0.60
0.65
Output Current
–5
5
015
10
45
60
20
65 70
25 30 35 40
55
50
75 80
0.90
0.85
0.80
0.75
0.70
0.60
0.65
Output Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com