Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VR110B080CS-1C Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # VR110B080CS-1C
Description  Solutions for Intel짰 VRM 11.0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR110B080CS-1C Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  VR110B080CS-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 6Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 7Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
VR110 Series_B13 Page 8 of 8
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR110 Series
Solutions for Intel® VRM 11.0
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical
information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting
of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
3/18/08
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
RoHS COMPLIANCY
The following parts are in compliance with the European Union Directive 2002/95/EC (RoHS) with respect to the following substances:
lead (Pb), cadmium (Cd), mercury (Hg), hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
VR110B150CS-1C
VR110B150CL-1C
VR110B150CU-1C
VR110B080CU-1C
VR110B080CA-1C
RoHS PROCESS NOTE
These products are not intended to go through a reflow solder process. See recommended interface options.
MECHANICAL DIMENSIONS – VR110B080CA-1C (80A, 0.66U)
3.675
(96.52)
0.782
(19.86)
0.75
(19.05)
ISO View
for Ref only
Installed
height
0.807
(20.49)
Tolerances are:
.x
±.10
.xx
±.03
.xxx ±.010
(Unless otherwise specified)
Dimensions in inches (mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com