Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2012N-DF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2012N-DF
Description  Internationally Approved Rockers/Paddles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2012N-DF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2012N-DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
(7.6)
.299
(1.17)
.046
Thk = (1.0)
.039
Epoxy Seal
(4.8)
.189
ROCKER/PADDLE FRAMES
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note:
Terminal numbers are
on the switch.
SP
P2011
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
P2012
P2013
ON
ON
NONE
OFF
ON
ON
1-1b
OPEN
1-1a
SPDT
DP
P2021
ON
NONE
OFF
1-1b 2-2b
OPEN
OPEN
DPST
DP
P2022
P2023
ON
ON
NONE
OFF
ON
ON
1-1b 2-2b
OPEN
1-1a 2-2a
DPDT
POLES & CIRCUITS
N Frame for
Small Actuator
Frame for
Large Actuator
1 (COM)
1b
1 (COM)
1b
1a
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
Y
TERMINALS
Solder Lug
Z
P
No Code
.187” (4.75mm)
Quick Connect
Straight PC
SPST
SPDT
DPST
DPDT
Using AT4148 & AT4149
(28.5)
1.122
(34.9)
1.374
(16.0)
.630
(3.5) Dia Typ
.138
(10.1)
.398
(17.8)
.701
(34.9)
1.374
(3.5) Dia Typ
.138
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
(6.0)
.236
(13.5)
.531
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
Using AT4148 & AT4149
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
1b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
2
1b
2b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
2a
2
1b
2b
Maximum Panel Thickness: .126” (3.2mm)
Maximum Panel Thickness: .126” (3.2mm)
(6.35)
.250
(1.3) Dia
.051
(4.75)
.187
(9.0)
.354
Thk = (0.8)
.031
ROCKER/PADDLE FRAMES
TERMINALS
DPST
Epoxy Seal
(4.5)
.177
(2.6)
.102
(1.25)
.049
(2.0)
.079
Thk = (1.0)
.039



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com