Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2012N-DF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2012N-DF
Description  Internationally Approved Rockers/Paddles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2012N-DF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2012N-DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2012N-DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
TYPICAL SWITCH DIMENSIONS
P2012N-DC
P2011 & P2021 models do not have terminals 1a & 2a.
Y Frame
N Frame
P2022Y-JC
P2011 & P2021 models do not have terminals 1a & 2a.
ROCKER/PADDLE CAPS
D AT4148
.365” (9.27mm) Wide Rocker
AT4149
.365” (9.27mm) Wide Paddle
E
For N Frame
For Y Frame
J
AT4156
.595” (15.11mm) Wide Rocker
AT4157
.595” (15.11mm) Wide Paddle
H
A
Black
Cap Colors
Available:
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
Material: Polyamide
Finish: Matte
1b
1a
1
(20.5)
.807
(3.2) Dia Typ
.126
(2.6)
.102
(11.0)
.433
25
°
(12.3)
.484
(0.6)
.024
(1.25) x (2.0) Typ
.049 x .079
(1.0) Typ
.039
(0.8)
.031
(7.62)
.300
(0.5)
.020
(5.0)
.197
(3.5)
.138
(9.65)
.380
(22.0)
.866
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(13.5)
.531
(9.27)
.365
(15.11)
.595
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
25
°
(14.5)
.571
(0.6)
.024
(1.25) x (2.0) Typ
.049 x .079
(1.0) Typ
.039
(0.8)
.031
(7.62)
.300
(0.5)
.020
(3.5)
.138
(5.0)
.197
(21.7)
.854
(10.1)
.398
1
2
2a
1a
1b
2b
(20.0)
.787
(10.16)
.400
(20.5)
.807
(2.6) Typ
.102
(6.15)
.242
(7.9)
.311
(8.8)
.346
(3.5)
.138
(13.49)
.531
(16.87)
.664
(9.27)
.365
(9.27)
.365
(18.8)
.740
(2.13)
.084
(3.96)
.156
(8.43) R
.332
(3.5)
.138
(16.8)
.661
(15.11)
.595
(11.0)
.433
(26.78)
1.054
(23.01)
.906
(10.11)
.398
(6.6)
.260
(3.5)
.138
(14.33)
.564
(15.11)
.595
(29.82)
1.174
(26.8)
1.055
(2.36)
.093
(4.75)
.187
(13.5) R
.531
(7.3)
.287
(3.5)
.138



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com