Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307BILP64 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
6
PRELIMINARY Data Sheet
Pin No.
Pin Name
Description
51, 54, 55, 56
NC
Not connected
53
VCM
Common mode output pin, 0.5 AVDD
58
CLKP
Positive differential input clock
59
CLKN
Negative differential input clock.
60
OVDD
Digital CMOS inputs supply voltage (1.7V to 3.6V)
61
CSN
Chip select enable. Active low.
62
SDATA
Serial data input
63
SCLK
Serial clock input
64
RESETN
Reset SPI interface
QFN-64 (B2 version: AD9222 pinout option)
1, 4, 7, 8, 11, 12, 37, 42, 45, 48,
51, 59, 62
AVDD
Analog power supply, 1.8V
0
AVSS
Analog ground (Exposed paddle, Pin 0, bottom of package)
60
IP1
Positive differential input signal, channel 1
61
IN1
Negative differential input signal, channel 1
64
IP2
Positive differential input signal, channel 2
63
IN2
Negative differential input signal, channel 2
2
IP3
Positive differential input signal, channel 3
3
IN3
Negative differential input signal, channel 3
6
IP4
Positive differential input signal, channel 4
5
IN4
Negative differential input signal, channel 4
43
IP5
Positive differential input signal, channel 5
44
IN5
Negative differential input signal, channel 5
47
IP6
Positive differential input signal, channel 6
46
IN6
Negative differential input signal, channel 6
49
IP7
Positive differential input signal, channel 7
50
IN7
Negative differential input signal, channel 7
53
IP8
Positive differential input signal, channel 8
52
IN8
Negative differential input signal, channel 8
13, 36
DVSS
Digital ground
14, 35
DVDD
Digital and I/O power supply, 1.8V
41
PD
Power-down input
22
D1P
LVDS channel 1, positive output
21
D1N
LVDS channel 1, negative output
20
D2P
LVDS channel 2, positive output
19
D2N
LVDS channel 2, negative output
18
D3P
LVDS channel 3, positive output
17
D3N
LVDS channel 3, negative output
16
D4P
LVDS channel 4, positive output
15
D4N
LVDS channel 4, negative output
34
D5P
LVDS channel 5, positive output
33
D5N
LVDS channel 5, negative output
Pin Assignments
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com