Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307BILP64 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
8
PRELIMINARY Data Sheet
Pin Assignments
(Continued)
Pin No.
Pin Name
Description
16
PD
Power-down input
19
LCKP
LVDS bit clock, positive output
20
LCKN
LVDS bit clock, negative output
21
D1P
LVDS channel 1, positive output
22
D1N
LVDS channel 1, negative output
23
D2P
LVDS channel 2, positive output
24
D2N
LVDS channel 2, negative output
27
D3P
LVDS channel 3, positive output
28
D3N
LVDS channel 3, negative output
29
D4P
LVDS channel 4, positive output
30
D4N
LVDS channel 4, negative output
31
D5P
LVDS channel 5, positive output
32
D5N
LVDS channel 5, negative output
33
D6P
LVDS channel 6, positive output
34
D6N
LVDS channel 6, negative output
37
D7P
LVDS channel 7, positive output
38
D7N
LVDS channel 7, negative output
39
D8P
LVDS channel 8, positive output
40
D8N
LVDS channel 8, negative output
41
FCLKP
LVDS frame clock (1x), positive output
42
FCLKN
LVDS frame clock (1x), negative output
45
RESETN
Reset SPI interface
62, 64, 66, 67, 69
NC
Not connected
65
VCM
Common mode output pin, 0.5 AVDD
71
CLKP
Positive differential input clock
72
CLKN
Negative differential input clock.
75
OVDD
Digital CMOS inputs supply voltage (1.7V to 3.6V)
76
CSN
Chip select enable. Active low.
77
SDATA
Serial data input
78
SCLK
Serial clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com