Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMBTH10QLT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBTH10QLT1G
Description  VHF/UHF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTH10QLT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBTH10QLT1G Datasheet HTML 1Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 2Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 3Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 4Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
4/5
b ob
TYPICAL CHARACTERISTICS
COMMON–BASE y PARAMETERS versus FREQUENCY
(V CB = 10 Vdc, I C = 4.0 mAdc, T A = 25°C)
y rb , REVERSE TRANSFER ADMITTANCE
f, FREQUENCY (MHz)
Figure 5. Rectangular Form
g rb (mmhos)
Figure 6. Polar Form
y ob , OUTPUT ADMITTANCE
g ob (mmhos)
Figure 8. Polar Form
f , FREQUENCY (MHz)
Figure 7. Rectangular Form
g ob
–b rb
–b rb
–g rb
MPS H1
MPS H11
100
200
400
700
1000MHz
100
200
400
700
1000MHz
5.0
4.0
3.0
2.0
1.0
0
100
200
300
400
500
700
1000
0
–1.0
–2.0
–3.0
–4.0
–5.0
2.0
1.8
1.2
0.8
0.4
0
0.4
0.8
1.2
1.6
2.0
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
200
300
400
500
700
1000
10
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
LMBTH10QLT1G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com