Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMBTH10QLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBTH10QLT1G
Description  VHF/UHF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTH10QLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBTH10QLT1G Datasheet HTML 1Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 2Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 3Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 4Page - Leshan Radio Company LMBTH10QLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
1/5
1
3
2
SOT–23
VHF/UHF Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
25
Vdc
Collector–Base Voltage
V
CBO
30
Vdc
Emitter–Base Voltage
V
EBO
3.0
Vdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P
D
225
mW
T
A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
556
°C/W
Total Device Dissipation
P
D
300
mW
Alumina Substrate, (2) T
A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
417
°C/W
Junction and Storage Temperature
T
J , Tstg
–55 to +150
°C
DEVICE MARKING
LMBTH10LT1G = 3EQ
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V
(BR)CEO
25
—
—
Vdc
(I
C = 1.0 mAdc, I B= 0 )
Collector–Base Breakdown Voltage
V
(BR)CBO
30
—
—
Vdc
(I
C = 100 µAdc , I E = 0)
Emitter–Base Breakdown Voltage
V
(BR)EBO
3.0
—
—
Vdc
(I
E = 10 µAdc , I C= 0)
Collector Cutoff Current
I
CBO
—
—
100
nAdc
( V
CB = 25Vdc , I E = 0 )
Emitter Cutoff Current
I
EBO
—
—
100
nAdc
( V
EB = 2.0Vdc , I C= 0 )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
COLLECTOR
1
BASE
Ordering Information
Device
Marking
Shipping
LMBTH10QLT1G
3EQ
3000/Tape&Reel
10000/Tape&Reel
LMBTH10QLT3G
3EQ
We declare that the material of product compliance with RoHS requirements.
Collector Cutoff Current
I
CBO
—
—
100
uAdc
( V
CB = 30Vdc , I E = 0 )
Emitter Cutoff Current
I
EBO
—
—
10
uAdc
( V
EB = 3.0Vdc , I C= 0 )
LMBTH10QLT1G


Similar Part No. - LMBTH10QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
210Kb / 5P
VHF/UHF Transistors RoHS requirements.
LMBTH10QLT1G LRC-LMBTH10QLT1G_11 Datasheet
210Kb / 5P
VHF/UHF Transistors RoHS requirements.
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
More results

Similar Description - LMBTH10QLT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
Leshan Radio Company
LMBTH10LT1 LRC-LMBTH10LT1 Datasheet
159Kb / 5P
VHF/UHF Transistors
LMBTH10QLT1 LRC-LMBTH10QLT1 Datasheet
148Kb / 5P
VHF/UHF Transistors
LMBTH10WT1 LRC-LMBTH10WT1 Datasheet
181Kb / 5P
VHF/UHF Transistors
LMBTH10WT1G LRC-LMBTH10WT1G Datasheet
164Kb / 5P
VHF/UHF Transistors
logo
Daya Electric Group Co....
MPSH10 DAYA-MPSH10 Datasheet
47Kb / 4P
VHF/UHF Transistors
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
VHF/UHF Transistors
logo
Leshan Radio Company
LMBTH10WT1G LRC-LMBTH10WT1G_15 Datasheet
502Kb / 7P
VHF/UHF Transistors
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com