Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSDX0250D4R Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CSDX0250D4R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX0250D4R Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CSDX0250D4R Datasheet HTML 1Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 2Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 3Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 4Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 5Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 6Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSDX Series
Digital pressure transducers
2/7
February 2009 / 632
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
(V
S = 5.0 VDC, TA = 25°C)
Specification notes:
1.
If maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die
may fracture.
2.
Span is the algebraic difference between the output signal for the highest and lowest specified pressure.
3.
Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature
effects. Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at
any point within the operating pressure range for increasing and decreasing pressure. Calibration errors include the
deviation of offset and full scale from nominal values.
4.
Delay time between sampling and signal change at the output.
5.
The smallest change in the output voltage, given any change in pressure.
t
r
a
Pr
e
b
m
u
ne
g
n
a
r
e
r
u
s
s
e
r
Pt
s
r
u
Be
r
u
s
s
e
r
p
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
O
R
A
B
1
1
8
0
X
D
S
C0
0
1
1
o
t
0
0
8)
a
(
r
a
b
m2
r
a
b
)
a
(
7
.
0
1
/
s
t
n
u
o
c
r
a
b
m
R
2
A
0
0
0
1
X
D
S
C1
o
t
0
r
a
b
)
a
(
22
.
3
R
2
A
0
0
0
2
X
D
S
C2
o
t
04
6
.
1
R
2
A
0
0
0
5
X
D
S
C5
o
t
00
16
.
0
R
4
D
5
2
0
0
X
D
S
C5
2
o
t
0
r
a
b
m
)
d
,
g
(
2
.
0
r
a
b
)
d
,
g
(
8
2
1
R
4
D
/
R
2
G
0
5
0
0
X
D
S
C0
5
o
t
05
3
.
04
6
R
4
D
/
R
2
G
0
0
1
0
X
D
S
C0
0
1
o
t
05
3
.
02
3
R
4
D
/
R
2
G
0
5
2
0
X
D
S
C0
5
2
o
t
01
8
.
2
1
R
4
D
/
R
2
G
0
0
5
0
X
D
S
C0
0
5
o
t
01
4
.
6
R
4
D
/
R
2
G
0
0
0
1
X
D
S
C1
o
t
0
r
a
b
)
d
,
g
(
22
.
3
R
4
D
/
R
2
G
0
0
0
2
X
D
S
C2
o
t
04
6
.
1
R
4
D
/
R
2
G
0
0
0
5
X
D
S
C5
o
t
00
16
.
0
D
4
D
0
1
0
0
X
D
S
C0
1
±
o
t
0
r
a
b
m
)
d
(
2
.
0
r
a
b
)
d
(
0
6
1
D
4
D
5
2
0
0
X
D
S
C5
2
±
o
t
02
.
04
6
D
4
D
0
5
0
0
X
D
S
C0
5
±
o
t
05
3
.
02
3
D
4
D
0
0
1
0
X
D
S
C0
0
1
±
o
t
05
3
.
06
1
D
4
D
0
5
2
0
X
D
S
C0
5
2
±
o
t
01
4
.
6
D
4
D
0
0
5
0
X
D
S
C0
0
5
±
o
t
01
2
.
3
D
4
D
0
0
0
1
X
D
S
C1
±
o
t
0)
d
(
r
a
b2
6
.
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com