Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSDX0250D4R Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # CSDX0250D4R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX0250D4R Datasheet(HTML) 6 Page - Sensortechnics GmbH

  CSDX0250D4R Datasheet HTML 1Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 2Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 3Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 4Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 5Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 6Page - Sensortechnics GmbH CSDX0250D4R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CSDX Series
Digital pressure transducers
6/7
February 2009 / 632
www.sensortechnics.com
PHYSICAL DIMENSIONS
D4 package
G2 package
A2 package
third angle projection
dimensions in mm (inches)
16.89
(0.665)
1.27 typ
(0.050 typ)
13.97
(0.550)
16.64 ±0.64
(0.655 ±0.025)
8.89
(0.350)
7.87 typ
(0.310 typ)
4.5
(0.177)
2.54 typ
(0.100 typ)
8.26 typ
(.325 typ)
1.78
(0.070)
3.63
(0.143)
3.38
(0.133)
8.13
(0.320)
0.51 typ
(0.02 typ)
Low pressure port
High pressure port
2.29
(0.090)
4.5
(0.177)
16.64 ±0.64
(0.655 ±0.025)
16.89
(0.665)
1.27 typ
(0.050 typ)
13.97
(0.550)
8.89
(0.350)
8.0 typ
(0.315 typ)
2.29 typ
(0.090 typ)
8.46
(0.333)
2.54 typ
(0.100 typ)
0.51 typ
(0.02 typ)
2 ° typ
16.89
(0.665)
1.27 typ
(0.050 typ)
13.97
(0.550)
3.15
(0.124)
4.9
(0.193)
16.64 ±0.64
(0.655 ± 0.025)
8.89
(0.350)
5.08
(0.200)
2.29 typ
(0.090 typ)
4.5
(0.177)
2.54 typ
(0.100 typ)
0.51 typ
(0.02 typ)
6.99
(0.275)
1.19 typ
(0.047 typ)
2.79 typ
(0.11 typ)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com