Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OLP01B0F3 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # OLP01B0F3
Description  Polysulphone optical liquid level switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OLP01B0F3 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  OLP01B0F3 Datasheet HTML 1Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 2Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 3Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OLP Series
Polysulphone optical liquid level switches
2/4
September 2008 / 635
www.sensortechnics.com
M12 thread long
(Housing type OLP...L...)
mass: 10 g
dimensions in mm
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
y
t
il
i
b
a
t
a
e
p
e
R
±1
m
m
)
d
i
u
q
il
n
o
g
n
i
d
n
e
p
e
d
(
s
i
s
e
r
e
t
s
y
H
1
e
m
i
t
e
s
n
o
p
s
e
Rd
i
u
q
il
g
n
i
s
i
r0
5s
µ
)
l
o
n
a
h
t
e
(
d
i
u
q
il
g
n
il
l
a
f
e
m
i
t
e
s
n
o
p
s
e
R
1s
PERFORMANCE CHARACTERISTICS
OUTLINE DRAWING
M10 thread
(Housing type OLP...F...)
mass: 5 g
dimensions in mm
Ø 10 +0.10
Ø 12
16.70
18.70
4
M10 x 1.0
mass: 6 g
dimensions in mm
M12 thread short
(Housing type OLP...K...)
Note: All OLP... devices are supplied with lead wires. The wire lengths are
200 mm -0, +30 mm measured from the back of the polysulphone housing.
4
Ø 10.40
29.70
14.70
6.95
19
M12 x 1.0
19
14.70
6.95 4
Ø 10.40
19.40
M12 x 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com