Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OLP01B0F3 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # OLP01B0F3
Description  Polysulphone optical liquid level switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OLP01B0F3 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  OLP01B0F3 Datasheet HTML 1Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 2Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 3Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OLP Series
Polysulphone optical liquid level switches
3/4
September 2008 / 635
www.sensortechnics.com
ELECTRICAL CONNECTION (cont.)
TTL compatible (high in air)
Push-Pull (current sinking and sourcing)
Basic
Note: Customer has to select suitable resistors for chosen supply voltage. Pull-up resistor
R
P could be e.g. 10 kΩ depending on desired output. Forward voltage of LED is 1.3 V
and LED current should be 10 mA (depending on application liquid).
R
LED can be calculated as follows (e.g. for VS=12 V):
Ω
≈
Ω
=
−
=
−
=
k
1
.
1
1070
01
.
0
3
.
1
12
mA
10
V
)
3
.
1
V
(
R
S
LED
Blue
Green
Red
+V
Output
GND
S
4.7
TTL compatible (low in air)
Blue
Green
Red
+V
Output
GND
S
R
L
Blue
Green
Red
+V
Output
GND
S
R
L
GND
Red
Blue
Green
LED
R
+V
S
Output
P
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com