Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2228CUH Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2228CUH
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228CUH Datasheet(HTML) 2 Page - Linear Technology

  LTC2228CUH Datasheet HTML 1Page - Linear Technology LTC2228CUH Datasheet HTML 2Page - Linear Technology LTC2228CUH Datasheet HTML 3Page - Linear Technology LTC2228CUH Datasheet HTML 4Page - Linear Technology LTC2228CUH Datasheet HTML 5Page - Linear Technology LTC2228CUH Datasheet HTML 6Page - Linear Technology LTC2228CUH Datasheet HTML 7Page - Linear Technology LTC2228CUH Datasheet HTML 8Page - Linear Technology LTC2228CUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2228/LTC2227/LTC2226
2
222876fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ..................................................4V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
Analog Input Voltage (Note 3).......–0.3V to (VDD + 0.3V)
Digital Input Voltage......................–0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation .............................................1500mW
Operating Temperature Range
LTC2228C, LTC2227C, LTC2226C............. 0°C to 70°C
LTC2228I, LTC2227I, LTC2226I............ –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
OVDD = VDD (Notes 1, 2)
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
AIN
+
AIN
–
REFH
REFH
REFL
REFL
VDD
GND
D8
D7
D6
OVDD
OGND
D5
D4
D3
33
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2228CUH#PBF
LTC2228CUH#TRPBF
2228
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2228IUH#PBF
LTC2228IUH#TRPBF
2228
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC2227CUH#PBF
LTC2227CUH#TRPBF
2227
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2227IUH#PBF
LTC2227IUH#TRPBF
2227
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC2226CUH#PBF
LTC2226CUH#TRPBF
2226
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2226IUH#PBF
LTC2226IUH#TRPBF
2226
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2228CUH
LTC2228CUH#TR
2228
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2228IUH
LTC2228IUH#TR
2228
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC2227CUH
LTC2227CUH#TR
2227
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2227IUH
LTC2227IUH#TR
2227
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC2226CUH
LTC2226CUH#TR
2226
32-Lead (5mm
× 5mm) Plastic QFN
0°C to 70°C
LTC2226IUH
LTC2226IUH#TR
2226
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com