Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2228CUH Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2228CUH
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228CUH Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2228CUH Datasheet HTML 17Page - Linear Technology LTC2228CUH Datasheet HTML 18Page - Linear Technology LTC2228CUH Datasheet HTML 19Page - Linear Technology LTC2228CUH Datasheet HTML 20Page - Linear Technology LTC2228CUH Datasheet HTML 21Page - Linear Technology LTC2228CUH Datasheet HTML 22Page - Linear Technology LTC2228CUH Datasheet HTML 23Page - Linear Technology LTC2228CUH Datasheet HTML 24Page - Linear Technology LTC2228CUH Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2228/LTC2227/LTC2226
21
222876fb
APPLICATIONS INFORMATION
Maximum and Minimum Conversion Rates
The maximum conversion rate for the LTC2228/LTC2227/
LTC2226 is 65Msps (LTC2228), 40Msps (LTC2227), and
25Msps (LTC2226). For the ADC to operate properly, the
CLK signal should have a 50% (±5%) duty cycle. Each
half cycle must have at least 7.3ns (LTC2228), 11.8ns
(LTC2227), and 18.9ns (LTC2226) for the ADC internal cir-
cuitry to have enough settling time for proper operation.
An optional clock duty cycle stabilizer circuit can be used
if the input clock has a non 50% duty cycle. This circuit
uses the rising edge of the CLK pin to sample the analog
input. The falling edge of CLK is ignored and the internal
falling edge is generated by a phase-locked loop. The input
clock duty cycle can vary from 40% to 60% and the clock
duty cycle stabilizer will maintain a constant 50% internal
duty cycle. If the clock is turned off for a long period of
time, the duty cycle stabilizer circuit will require a hundred
clock cycles for the PLL to lock onto the input clock. To
use the clock duty cycle stabilizer, the MODE pin should be
connected to 1/3VDD or 2/3VDD using external resistors.
The lower limit of the LTC2228/LTC2227/LTC2226 sample
rate is determined by droop of the sample-and-hold circuits.
The pipelined architecture of this ADC relies on storing
analog signals on small-valued capacitors. Junction leak-
age will discharge the capacitors. The specified minimum
operating frequency for the LTC2228/LTC2227/LTC2226
is 1Msps.
LTC2228/27/26
222876 F14
OVDD
VDD
VDD
0.1μF
43Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Figure 14. Digital Output Buffer
DIGITAL OUTPUTS
Table 1 shows the relationship between the analog input
voltage, the digital data bits and the overflow bit.
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
(2V RANGE)
OF
D11-D0
(OFFSET BINARY)
D11-D0
(2’s COMPLEMENT)
>+1.000000V
+0.999512V
+0.999024V
1
0
0
1111 1111 1111
1111 1111 1111
1111 1111 1110
0111 1111 1111
0111 1111 1111
0111 1111 1110
+0.000488V
0.000000V
–0.000488V
–0.000976V
0
0
0
0
1000 0000 0001
1000 0000 0000
0111 1111 1111
0111 1111 1110
0000 0000 0001
0000 0000 0000
1111 1111 1111
1111 1111 1110
–0.999512V
–1.000000V
<–1.000000V
0
0
1
0000 0000 0001
0000 0000 0000
0000 0000 0000
1000 0000 0001
1000 0000 0000
1000 0000 0000
Digital Output Buffers
Figure 14 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, isolated
from the ADC power and ground. The additional
N-channel transistor in the output driver allows operation
down to low voltages. The internal resistor in series with
the output makes the output appear as 50Ω to external
circuitry and may eliminate the need for external damping
resistors.
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com