Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDI565047-R47F Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDI565047-R47F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R47F Datasheet(HTML) 4 Page - Superworld Electronics

  SDI565047-R47F Datasheet HTML 1Page - Superworld Electronics SDI565047-R47F Datasheet HTML 2Page - Superworld Electronics SDI565047-R47F Datasheet HTML 3Page - Superworld Electronics SDI565047-R47F Datasheet HTML 4Page - Superworld Electronics SDI565047-R47F Datasheet HTML 5Page - Superworld Electronics SDI565047-R47F Datasheet HTML 6Page - Superworld Electronics SDI565047-R47F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Refer to reflow curve.
Peak temp. : 245±5°C
Frequency : 10~55Hz
Amplitude : 0.75mm
directions (Total 6 hours).
Bend PCB at middle point, the deflection shall be 2mm.
Drop from a height of 1m with 981m/s² (100G) altitude
(1 angle, 1 ridge and 2 surface orientations)
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Pulling Test :
Terminal Strength Push Test
Reference documents:
Reflow Curve
JIS C 5321:1997
applied on the right conditions.
A : Sectional area of terminal
8mm²<A<20mm²
Bending Test : The terminal electrode & the
dielectric must not be damaged by the forces
20mm²<A
A<8mm²
10
>10N
>20N
10
Bending Test :
R0.5
Time (sec)
Force
>5N
30
X
Pulling Test :
Vibration Test
Reference documents:
MIL-STD-202G Method 201A
Drop Test
Reference documents:
MIL-STD-202G Method 203C
1. No case deformation or change in appearance.
4. DCR/DCR<10%
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
3. Q/Q < 30%
2. L/L<30% (Closed Magnetic Circuit)
4. DCR/DCR<10%
1. No case deformation or change in appearance.
3. Q/Q < 30%
L/L<10%
Reference documents:
IPC J-STD-020B
Reflow Soldering
Heat Endurance of
6. RELIABILITY AND TEST CONDITION :
2. L/L<30% (Closed Magnetic Circuit)
4. DCR/DCR<10%
1. No case deformation or change in appearance.
PERFORMANCE
3. Q/Q < 30%
L/L<10%
ITEM
No. of cycle : 3
PG. 4
31.07.2008
Sample
1.0
Y
10Hz
1Min
Time
55Hz
Freq
TEST CONDITION
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS
270
50
250
200
150
100
300
Preheat
Peak
Ramp-up
Ramp-down



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com