Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW6R48D03WSMF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW6R48D03WSMF
Description  6W Wide Input Single & Dual SMD DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW6R48D03WSMF Datasheet(HTML) 2 Page - Superworld Electronics

  SW6R48D03WSMF Datasheet HTML 1Page - Superworld Electronics SW6R48D03WSMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW6R WSM Series Product Datasheet
www.superworld.com.sg
2 of 2
SW6R WSM INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
All models
20
mA
Voltage Range
SW6R24
18
24
36
Vdc
SW6R48
36
48
75
Transient Input Voltage (1msec)
SW6R24
50
Vdc
SW6R48
100
Undervoltage Lockout (SW6R24)
On
17.5
Vdc
Off
16
Undervoltage Lockout (SW6R48)
On
34.5
Off
32.5
Reflected Ripple Current
35
mAp-p
SW6R WSM OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
6.0
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
±
0.5
±
2
%
Load Regulation
(10% load to rated load)
±
1
±
3
%
Ripple & Noise
BW = DC to 20MHz
1%
p-p
Current Limit
120% x Iout
7.2
W
Output Overvoltage Clamp
120
% Vout
Temperature Coefficient
±
0.008
%/
oC
Short Circuit Protection
1
second
SW6R WSM GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Temperature (Ambient)
-25
70
oC
Temperature (Case)
-40
100
oC
Storage
-40
100
oC
Isolation
Isolation Test Voltage
1500
Vdc
Resistance
10
GΩ
Capacitance
20
pF
Leakage Current
20
µArms
Switching Frequency
150
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
20
g
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Medium Power Application Note 1 for additional Performance Curves & Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com