Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW6R48D03WSMF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW6R48D03WSMF
Description  6W Wide Input Single & Dual SMD DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW6R48D03WSMF Datasheet(HTML) 1 Page - Superworld Electronics

  SW6R48D03WSMF Datasheet HTML 1Page - Superworld Electronics SW6R48D03WSMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW6R WSM Series Product Datasheet
www.superworld.com.sg
1 of 2
MECHANICAL
SPECIFICATION
DESCRIPTION
The SW6R WSM Series is a 1500Vdc isolated range of single and dual output 6W DC-DC converters, designed with a 2:1 input
voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. In an industry
standard surface mount packages (33 x 16 x 11 mm), the SW6R WSM is fully encapsulated in a non-flammable plastic case
(meeting UL 94V-0) and is designed to meet EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are
some of the many SW6R W features.
SUPERWORLD ELECTRONICS
FEATURES
•
Industry std 24-pin SMD package
•
Wide Input Ranges 18-36 & 36-75 Vdc
•
Single & Dual 1500Vdc Isolated Outputs
•
Operating Temp Range –40
oC to 100oC
•
High Efficiencies to 85%
•
Continuous Short Circuit Protection
•
Undervoltage Lock-out
•
Metal Casing
•
2 Year Warranty
•
Internal Input and Output Filtering
SW6R WSM PRODUCT RANGE
Model
Vin
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated)
(mA)
Eff.
(%)
SW6R24S03WSMF
18-36
3.3
1818
165
76
SW6R24S05WSMF
18-36
5
1200
150
80
SW6R24S09WSMF
18-36
9
666
150
82
SW6R24S12WSMF
18-36
12
500
150
83
SW6R24S15WSMF
18-36
15
400
135
85
SW6R24D03WSMF
18-36
±
3.3
±
908
83
74
SW6R24D05WSMF
18-36
±
5
±
600
75
78
SW6R24D09WSMF
18-36
±
9
±
334
75
80
SW6R24D12WSMF
18-36
±
12
±
250
75
82
SW6R24D15WSMF
18-36
±
15
±
200
68
84
SW6R48S03WSMF
36-75
3.3
1818
165
76
SW6R48S05WSMF
36-75
5
1200
150
80
SW6R48S09WSMF
36-75
9
666
150
82
SW6R48S12WSMF
36-75
12
500
150
83
SW6R48S15WSMF
36-75
15
400
135
85
SW6R48D03WSMF
36-75
±
3.3
±
908
83
74
SW6R48D05WSMF
36-75
±
5
±
600
75
78
SW6R48D09WSMF
36-75
±
9
±
334
75
80
SW6R48D12WSMF
36-75
±
12
±
250
75
82
SW6R48D15WSMF
36-75
±
15
±
200
68
84
SW6R WSM Series – 6W Wide Input
Single & Dual SMD DC-DC Converter
SW6R24S03WSMF
Pin
Singles
Dual
1
-Vin
-Vin
2
-Vin
-Vin
3
NC
NC
10
-Vout
Common
11
NC
NC
12
-Vou
-Vout
13
+Vout
+Vout
14
NC
NC
15
-Vout
Common
22
NC
NC
23
+Vin
+Vin
24
+Vin
+Vin


Similar Part No. - SW6R48D03WSMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R48D03UWF SUPERWORLD-SW6R48D03UWF Datasheet
184Kb / 2P
6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48D03UWSMF SUPERWORLD-SW6R48D03UWSMF Datasheet
147Kb / 2P
6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
More results

Similar Description - SW6R48D03WSMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW3R24S03WSMF SUPERWORLD-SW3R24S03WSMF Datasheet
176Kb / 2P
3W Wide Input Single & Dual SMD DC-DC Converter
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
6W Wide Input Single & Dual Output DC-DC Converter
logo
Microdc power Technolog...
WRA-ZMD-6W MICRODC-WRA-ZMD-6W Datasheet
525Kb / 3P
6W, 4:1 WIDE INPUT, ISOLATED & REGULATED DUAL & SINGLE OUTPUT DC-DC CONVERTER
logo
Murata Power Solutions ...
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MORNSUN Science& Techno...
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
6W, ultra wide input isolated & regulated dual / single output DC-DC converter
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com