Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4052CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 1 Page - Texas Instruments

  THS4052CD Datasheet HTML 1Page - Texas Instruments THS4052CD Datasheet HTML 2Page - Texas Instruments THS4052CD Datasheet HTML 3Page - Texas Instruments THS4052CD Datasheet HTML 4Page - Texas Instruments THS4052CD Datasheet HTML 5Page - Texas Instruments THS4052CD Datasheet HTML 6Page - Texas Instruments THS4052CD Datasheet HTML 7Page - Texas Instruments THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Speed
– 70 MHz Bandwidth (G = 1, –3 dB)
– 240 V/
µs Slew Rate
– 60-ns Settling Time (0.1%)
D High Output Drive, IO = 100 mA (typ)
D Excellent Video Performance
– 0.1 dB Bandwidth of 30 MHz (G = 1)
– 0.01% Differential Gain
– 0.01
° Differential Phase
D Very Low Distortion
– THD = –82 dBc (f = 1 MHz, RL = 150 Ω)
– THD = –89 dBc (f = 1 MHz, RL = 1 kΩ)
D Wide Range of Power Supplies
– VCC = ±5 V to ±15 V
D Available in Standard SOIC, MSOP
PowerPAD
™, JG or FK Package
D Evaluation Module Available
description
The THS4051 and THS4052 are general-pur-
pose, single/dual, high-speed voltage feedback
amplifiers ideal for a wide range of applications
including video, communication, and imaging.
The devices offer very good ac performance with
70-MHz bandwidth, 240-V/
µs slew rate, and
60-ns settling time (0.1%). The THS4051/2 are
stable at all gains for both inverting and non-
inverting configurations. These amplifiers have a
high output drive capability of 100 mA and draw
only 8.5-mA supply current per channel. Excellent
professional video results can be obtained with
the low differential gain/phase errors of 0.01%/
0.01
° and wide 0.1 dB flatness to 30 MHz. For
applications
requiring
low
distortion,
the
THS4051/2 is ideally suited with total harmonic
distortion of –82 dBc at 1 MHz.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4081/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High-Speed Amplifiers
175-MHz Low Power High-Speed Amplifiers
PowerPAD is a trademark of Texas Instruments.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
THS4052
D AND DGN† PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
–VCC
VCC+
2OUT
2IN–
2IN+
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC–
NULL
VCC+
OUT
NC
THS4051
D, DGN, AND JG PACKAGE
(TOP VIEW)
NC – No internal connection
Cross Section View Showing
PowerPAD
™ Option (DGN)
† This device is in the Product Preview stage of development.
Please contact your local TI sales office for availability.
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
NC
IN–
NC
IN+
NC
THS4051
FK PACKAGE
(TOP VIEW)
CAUTION: The THS4051 and THS4052 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - THS4052CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4052CD NSC-THS4052CD Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4052CD TI1-THS4052CD Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4052CDG4 NSC-THS4052CDG4 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4052CDGN NSC-THS4052CDGN Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4052CDGN TI1-THS4052CDGN Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4052CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061 TI-THS4061 Datasheet
326Kb / 22P
180-MHz HIGH-SPEED AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
 180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com