Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4052CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4052CD Datasheet HTML 5Page - Texas Instruments THS4052CD Datasheet HTML 6Page - Texas Instruments THS4052CD Datasheet HTML 7Page - Texas Instruments THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments THS4052CD Datasheet HTML 10Page - Texas Instruments THS4052CD Datasheet HTML 11Page - Texas Instruments THS4052CD Datasheet HTML 12Page - Texas Instruments THS4052CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
–40
–20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ± 15 V
VCC = ± 5 V
Figure 4
2.2
2.3
2.4
2.5
2.6
2.7
2.8
–40
–20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ± 5 V & ±15 V
Figure 5
2
4
6
8
10
12
14
5
7
9
11
13
15
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
RL = 150 Ω
RL = 1 kΩ
TA=25°C
Figure 6
3
5
7
9
11
13
15
5
7
9
11
13
15
TA=25°C
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
Figure 7
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
12.5
12
4.5
4
3.5
2.5
–40
–20
0
20
40
60
80
100
TA – Free-Air Temperature – _C
3
13.5
13
14
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
VCC = ± 15 V
RL = 1 kΩ
Figure 8
5
6
7
8
9
10
11
5
7
9
111315
TA=85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC - Supply Voltage - V
TA=–40°C
TA=25°C
Figure 9
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
10
100k
1000
100
10
1
0.10
VCC = ± 15 V and ± 5V
TA = 25°C
VN
IN
Figure 10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
POWER SUPPLY REJECTION
RATIO
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ±15 V & ±5 V
–VCC
+VCC
Figure 11
CMRR
vs
FREQUENCY
–30
–40
–50
–60
–70
–80
10k
100k
1M
–90
f – Frequency – Hz
10M
100M
–20
–100
VCC = ±15 V or ±5 V
RF = 1 kΩ
VI(PP) = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com