Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MQME-270-R-Z-HB Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-Z-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-Z-HB Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  MQME-270-R-Z-HB Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The MilQor® series of high-reliability EMI filters
brings SynQor’s field proven technology and
manufacturing expertise to the Military/Aerospace
industry. SynQor’s innovative QorSeal™ packaging
approach ensures survivability in the most hostile
environments. Compatible with the industry standard
format, these filters have high differential-mode and
common-mode attenuation, low DC resistance, and
a stabilizing bulk capacitor resistor. They follow
conservative component derating guidelines and
they are designed and manufactured to comply
with a wide range of military standards
HigH Reliability eMi FilteR
Full PoweR oPeRation: -55ºC to +125ºC
•2Aoutputcurrent
•VerylowDCresistance
•>80dBdifferential-modeattenuationat500kHz
•>60dBcommon-modeattenuationat500kHz
•Stabilizingbulkcapacitoranddampingresistorincluded
•AllcapacitorsareX7Rmulti-layerceramic
•DesignedtomeetallMIL-STD461EMIandmostRTCA/
D0-160ESection22lightningrequirements
Features
MQMEseriesfilters(withMQFLconverters)aredesignedtomeet:
•MIL-HDBK-704-8(AthroughF)
•RTCA/DO-160ESection16
•MIL-STD-1275B
•DEF-STAN61-5(part6)/5
•MIL-STD-461(C,D,E)
•RTCA/DO-160ESection22
Specification Compliance
MQMEseriesfiltersare:
•DesignedforreliabilityperNAVSO-P3641-Aguidelines
•Designedwithcomponentsderatedper:
—MIL-HDBK-1547A
—NAVSOP-3641A
Design Process
MQMEseriesfiltersarequalifiedto:
•MIL-STD-810F
—consistentwithRTCA/D0-160E
•SynQor’sFirstArticleQualification
—consistentwithMIL-STD-883F
•SynQor’sLong-TermStorageSurvivabilityQualification
•SynQor’son-goinglifetest
Qualification Process
•AS9100andISO9001:2000certifiedfacility
•Fullcomponenttraceability
•Temperaturecycling
•Constantacceleration
•24,96,160hourburn-in
•Threeleveltemperaturescreening
In-Line Manufacturing Process
DesigneD & ManufactureD in the usa
featuring Qorseal™ hi-rel asseMbly
MQME-270-P
Passive Filter
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 1
MQME-270-P-Y
-HB
EMI FILTER
270V
2A 320W
-400V to +400V
2A
1.6Ω @ 125°C
>80dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation


Similar Part No. - MQME-270-R-Z-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
Reverse polarity protection
More results

Similar Description - MQME-270-R-Z-HB

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
SynQor Worldwide Headqu...
MQME-28E-P SYNQOR-MQME-28E-P Datasheet
1Mb / 13P
High Reliability EMI Filter
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com