Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MQME-270-R-Z-HB Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-Z-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-Z-HB Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQME-270-R-Z-HB Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 4
MQME-270-P
Current: 2A
Technical Specification
MQME-270-P Electrical Characteristics (Continued)
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Vin=270V DC ±5%, Iout= 2A unless otherwise specified
Subgroup3
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
TBD
106 Hrs.
AIF @ Tcase = 70ºC
TBD
106 Hrs.
Demonstrated MTBF
TBD
106 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. While the filter will survive these input voltage limits, the filter's output voltage will be outside the limits for an MQFL converter input voltage range.
2. Verified by qualification testing and analysis.
3. Only the ES and HB grade products are tested at three temperatures. The B and C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
* Rs = Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com