Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2P2351AF-24ST Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24ST
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24ST Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM2P2351AF-24ST Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
3 of 12
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Voltage on Supply pin with respect to Ground
-0.5 to +4.6
V
VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
tSTG
Storage temperature
-65 to +125
°C
tA
Operating temperature
0 to 70
°C
ts
Max. Soldering Temperature (10 sec)
260
°C
tJ
Junction Temperature
150
°C
tDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended operating conditions (see Note 3)
.
Electrical characteristics over recommended operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VIK
VCC = 3 V,
II = –18 mA
-1.2
V
VOH
VCC = 3 V,
IOH = – 12 mA
2
V
VOL
VCC = 3 V,
IOL = 12 mA
0.8
V
II
VCC = 3.6 V,
VI = VCC or GND
± 1
mA
IO
1
VCC = 3.6 V,
VO = 2.5 V
-7
-70
mA
IOZ
VCC = 3.6 V,
VCC = 3 V
± 10
mA
Outputs high
0.3
Outputs low
15
ICC
VCC = 3.6 V, IO = 0,
VI = VCC or GND
Outputs disabled
0.3
mA
Ci
VI = VCC or GND,
VCC = 3.3 V,
f = 10 MHz
4
pF
Co
VO = VCC or GND,
VCC = 3.3 V,
f = 10 MHz
6
pF
Note: 1 Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
fclock
Input clock frequency
100
MHz
TA
Operating free air temperature
0
70
°C
NOTE 3: Unused pins (input or I/O) must be held high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com