Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2P2351AF-24ST Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24ST
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24ST Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM2P2351AF-24ST Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
1-Line To 10-Line Clock Driver With 3-State Outputs
Features
•
Low Output Skew, Low Pulse Skew for Clock-
Distribution and Clock-Generation Applications.
•
Operates at 3.3V Supply Voltage.
•
LVTTL-Compatible Inputs and Outputs.
•
Supports Mixed-Mode Signal Operation.
(5V Input and Output Voltages With 3.3V Supply
Voltage).
•
Distributes One Clock Input to Ten Outputs.
•
Outputs have Internal Series Damping Resistor
to Reduce Transmission Line Effects.
•
Distributed VCC and Ground Pins Reduce
Switching Noise.
•
Package Options Include Plastic Small-Outline
and Shrink Small-Outline Packages.
Product Description
The ASM2P2351AH is a high-performance clock-driver
circuit that distributes one input (A) to ten outputs (Y)
with minimum skew for clock distribution. The output-
enable (OE) input disables the outputs to a high-
impedance state. Each output has an internal series
damping resistor to improve signal integrity at the load.
The ASM2P2351AH operates at nominal 3.3V Supply
Voltage.
The propagation delays are adjusted at the factory
using the P0 and P1 pins. The factory adjustments
ensure that the part-to-part skew is minimized and is
kept within a specified window. Pins P0 and P1 are not
intended for customer use and should be connected to
GND.
The ASM2P2351AH is characterized for operation
from 0
°C to 70°C.
Pin Configuration
Logic Diagram (Positive Logic)
5
OE
6
PO P1
7 8
A
23
21
19
18
16
14
11
9
4
Y9
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y10
2
Y3
OE
Y7
GND
Y6
Y4
Y2
Y1
GND
Y5
VCC
GND
Y10
GND
VCC
Y9
A
P0
P1
GND
VCC
GND
VCC
ASM2P2351AH
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
Y8
13
14
15
16


Similar Part No. - ASM2P2351AF-24ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM2P2304NZF-08-SR PULSECORE-ASM2P2304NZF-08-SR Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
ASM2P2304NZF-08-ST PULSECORE-ASM2P2304NZF-08-ST Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
More results

Similar Description - ASM2P2351AF-24ST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com