Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-55F Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # ASM1233MS-55F
Description  Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1233MS-55F Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM1233MS-55F Datasheet HTML 3Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 4Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 5Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 6Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 7Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 8Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 9Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 10Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.4
November 2006
ASM1233D-L/D/M
Package Information
SOT-223
Symbol
Dimensions in Inches
Dimensions in millimeters
Min
Max
Min
Max
A
0.061
0.071
1.55
1.80
A1
0.0008
0.004
0.02
0.10
B
0.024
0.031
0.60
0.80
B1
0.114
0.122
2.90
3.10
C
0.009
0.013
0.24
0.32
D
0.248
0.264
6.30
6.70
E
0.130
0.146
3.30
3.70
e
0.090BSC
2.30 BSC
e1
0.181 BSC
4.60 BSC
H
0.264
0.287
6.70
7.30
L
0.036 MIN
0.91 MIN
L2
0.0024 MIN
0.06 BSC
α
0°
6°
0°
6°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com