Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-55F Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM1233MS-55F
Description  Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1233MS-55F Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM1233MS-55F Datasheet HTML 1Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 2Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 3Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 4Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 5Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 6Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 7Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 8Page - PulseCore Semiconductor ASM1233MS-55F Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Sutie 200, Campbell, CA95008 . Tel: 408-879-9077 . Fax: 408-.879-9018 . www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice
rev 1.4
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
November 2006
ASM1233D-L/D/M
General Description
The ASM1233D-L/1233D/1233M are voltage supervisors with
low-power, 5/3.3V µP Reset, with an active LOW, open-drain
output. Maximum supply current over temperature is 15µA for
3.3V devices and 20µA for 5V devices.
The ASM1233D-L/1233D/1233M generates an active LOW
reset signal whenever the monitored supply is out of tolerance.
A precision reference and comparator circuit monitors power
supply (VCC) level. The tolerance are 5%,10% and 15%. When
an out-of-tolerance condition is detected, an internal power-fail
signal is generated which forces an active LOW reset signal.
After VCC returns to an in-tolerance condition, the reset signal
remains active for 350ms to allow the power supply and system
microprocessor to stabilize.
The ASM1233D-L/1233D/1233M is designed with an open-
drain output stage and operates over the extended industrial
temperature range. These devices are available in compact
SOT-223, SO-8 and TO-92 packages.
Other low power products in this family include ASM1810/11/
12/15/16/17.
Key Features
•
Low Supply Current
• 15µA maximum (<=3.6V), 20µA maximum (5.5V)
•
Automatically restarts a microprocessor after power failure
•
350ms reset delay after VCC returns to an in-tolerance con-
dition
•
Active LOW power-up reset, 5k
Ω internal pull-up
•
Precision temperature-compensated voltage reference and
comparator
•
Eliminates external components
•
Low-cost SOT-223/SO-8/TO-92 packages
•
Operating temperature: -40°C to +85°C
Applications
•
Set-top boxes
•
Cellular phones
•PDAs
•
Energy management systems
•
Embedded control systems
•
Printers
•
Single board computers
Typical Operating Circuit
Block Diagram
Microprocessor
VCC
RESET
RESET
GND
GND
Supply
Reference
Delay
350ms
Typical
Tolerance
Bias
+
-
ASM1233D-L,ASM1233D,ASM1233M
VCC
RESET
Delay
Typical
+
-
5.0kΩ


Similar Part No. - ASM1233MS-55F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233MS-55F ALSC-ASM1233MS-55F Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233MS-55F ONSEMI-ASM1233MS-55F Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results

Similar Description - ASM1233MS-55F

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233D IMP-IMP1233D Datasheet
119Kb / 6P
Low Power, 5V, 關P Reset
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com