Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRDS1 Datasheet(PDF) 22 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 22 Page - ASM GmbH

Back Button PRDS1 Datasheet HTML 18Page - ASM GmbH PRDS1 Datasheet HTML 19Page - ASM GmbH PRDS1 Datasheet HTML 20Page - ASM GmbH PRDS1 Datasheet HTML 21Page - ASM GmbH PRDS1 Datasheet HTML 22Page - ASM GmbH PRDS1 Datasheet HTML 23Page - ASM GmbH PRDS1 Datasheet HTML 24Page - ASM GmbH PRDS1 Datasheet HTML 25Page - ASM GmbH PRDS1 Datasheet HTML 26Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
PRAS4
KAB-2M-M12/4F/G-LITZE
PRMAG2

CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Specifications
Outputs
Voltage: 0.5 ... 4.5 V; 0.5 ... 10 V
Current: 4 ... 0 mA, 3 wire
Resolution
0.03 % (60 ... 360); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.3 % f.s. (typ.); a misalignment of the position magnet
has an effect on the linearity (see page 30)
Measurement range
0 ... 15° to 0 ... 360°, standard 360°
Signal characteristics
CW, CCW
Material
Stainless steel / aluminium / zinc (depends on the model)
Mounting
Screws M6 or M5
Protection class
IP67/IP69K housing
(with IP69K connector cable)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute
Max. 10,000 r.p.m.
Allowable shaft load
10 N radial, 10 N axial
Magneticanglesensor0-360°inaflat 
housing with 79 mm diameter
●  With 13 mm shaft or non-contact
●  Protection class IP67/IP69K
● Magneticmeasurementprinciple
● Outputs: 
Voltage 0.5 ... 4.5 V; 0.5 ... 10 V 
Current 4 ... 20 mA
● Otheroutputsavailableonrequest
Order Code PRAS4   
 
 
 
Model name
Mechanical connection
V
= Shaft 13 mm
K
= Non-contact
Measurement range 15 ... 360° in steps of 15°
15 / 30 / 45 / ... / 345 / 360
Outputs (see page 6)
U6
= 0.5 ... 4.5 V ratiometric
U
= 0.5 ... 10 V
I1
= 4 ... 0 mA, 3 wire
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
M1R5 = 5-pin socket M1 (compatible to 4-pin connector)
Orderexample:PRAS4-V-360-I1-CW-M12R5
Order code connector cable (see accessories page 3)
Order code position magnet (see accessories page 30)
POSIROT ® 
PRAS4
Magnetic angle sensor with analog output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com