Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRDS1 Datasheet(PDF) 43 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 43 Page - ASM GmbH

Back Button PRDS1 Datasheet HTML 39Page - ASM GmbH PRDS1 Datasheet HTML 40Page - ASM GmbH PRDS1 Datasheet HTML 41Page - ASM GmbH PRDS1 Datasheet HTML 42Page - ASM GmbH PRDS1 Datasheet HTML 43Page - ASM GmbH PRDS1 Datasheet HTML 44Page - ASM GmbH PRDS1 Datasheet HTML 45Page - ASM GmbH PRDS1 Datasheet HTML 46Page - ASM GmbH PRDS1 Datasheet HTML 47Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
1.....................................1 13 14 15
X1
X
X1
X
5 ........ 1
RS-3
13 14 15
PD-ADC-4VDC
PD-ADC-30VAC
ASM
CAT-PR/PT-E-07
43
www.asm-sensor.com
Specifications
(Cont´d)
Weight
4 V DC: approx. 50 g; 30 V AC: approx.. 400 g
Protection class
Front IP60, rear IP40
Humidity
Max. 80 % R. H., non condensing
Safety of equipment
Directive 73/23/EWG: DIN EN61010:2002-03
Electromagnetic compatibility, EMC
Directive 89/336/EWG
Programmable 
parameters /  
value range
Value range offset, limit values
-999999 to +999999
Divisor, multiplier
0 to 999999
Other programmable parameters
Decimal point position, display brightness
Control input terminals
Key lock, display value hold, tare function
Wiring basic unit
Signals
Connector X1  
pin no.
Connector X2  
pin no.
Sensor excitation +U
B 4 V
1
Sensor excitation 0 V (GND)

Control input terminal 1
3
Control input terminal 
4
Voltage input terminal 0 ... 10 V, channel 1
5
Voltage input terminal 0 ... 10 V, channel 
6
Current input terminal 0/4 ... 0 mA, channel 1
7
Current input terminal 0/4 ... 0 mA, channel 
8
Voltage divider input terminal R1K, channel 1
9
Voltage divider input terminal R1K, channel 
10
Reference voltage output terminal 5 V for R1K
11
GND
1
PD-ADC-4VDC
Excitation +4 V
Excitation 0 V (GND)
13
14
PD-ADC-30VAC
Excitation
Protective ground
13, 15
14
RS-232 interface
Level
RS-3: ±8 V, galvanically isolated
Data format
1 start bit, 8 data bits, 1 stop bit, no parity
Transmission rate
9600 Baud
Signals
Connector X3 Pin No.
SUB-DPinNo.
TxD
17

RxD
16
3
GND
18
5
Rear view with comparator outputs and outline drawings see pages 48 and 49.
PRODIS ® 
PD-ADC
Digital process meter for analog sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com