Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-20000-R1K-L05 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS7.5-20000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-20000-R1K-L05 Datasheet(HTML) 2 Page - ASM GmbH

  WS7.5-20000-R1K-L05 Datasheet HTML 1Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 2Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 3Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 4Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 5Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 6Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 7Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 8Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASM
CAT-WS-E-05
27
www.asm-sensor.com
Model WS7.5
with absolute or incremental encoder output
Specifications
(Continuation)
Outputs
See order code
Resolution for 12 bit per revolution
(4096 steps/rev.)
Up to 30000 mm range: 0.073 mm
40000 mm range: 0.088 mm
Material
Aluminium and stainless steel.
Cable: stainless steel
Sensing device
Precision potentiometer
Connector
Depending on the encoder type
Continuation at page 28
Compact industrial sensor for long ranges
· Protection class IP52
· Measurement ranges:
0 ... 10000 mm to 0 ... 40000 mm
· Absolute or incremental encoder
Order Code WS7.5
Model Name
Measurement Range (in mm)
10000 / 20000 / 25000 / 30000 / 40000
Outputs (see pages 61 ff.)
ME
= Mechanism only for installation of suitable multiturn encoders
BK
= Customer sources encoder for fitting by ASM
LD5VC
= Incremental encoder TTL compatible inverted
PP24VC = Incremental encoder HTL compatible inverted
HSSI
= Absolute encoder with synchronous serial output (SSI)
HSSIP
= Absolute encoder with synchronous serial output (SSI), programmable
HPROF = Absolute encoder with Profibus interface
HINT
= Absolute encoder with Interbus interface
HCAN
= Absolute encoder with CAN bus interface
HCANOP = Absolute encoder with CANopen bus interface
HDEV
= Absolute encoder with DeviceNet interface
HPAR
= Absolute encoder with parallel interface
Linearity (Option)
L01
= ±0,01 %
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
WS7.5
Absolute or
incremental
Order Code Mating Connector (see accessories page 82)
Incremental, SSI: CONN-CONIN-12F-G
Order Example: WS7.5 - 30000 - HSSI - M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com