Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-20000-R1K-L05 Datasheet(PDF) 10 Page - ASM GmbH

Part # WS7.5-20000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-20000-R1K-L05 Datasheet(HTML) 10 Page - ASM GmbH

Back Button WS7.5-20000-R1K-L05 Datasheet HTML 6Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 7Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 8Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-20000-R1K-L05 Datasheet HTML 14Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
62
CAT-WS-E-05
ASM
www.asm-sensor.com
Output Specifications
PP24V and LD5V for WS position sensors
PP24V
Incremental
Output
Push-pull line driver (24 V - HTL)
Excitation voltage
10 ... 30 V DC
Excitation current
150 mA max. w/o load
Output frequency
300 kHz max.
Output current
100 mA per channel
Signal level
Ud High at Id=20 mA, Ub=24 V
³21 V
Ud Low at Id=20 mA, Ub=24 V
£2,8 V
Transition time positive edge
< 200 ns
Transition time negative edge
< 200 ns
Stability (Temperature)
±20 x 10
-6 / °C full scale (sensor mechanism)
Operation temperature
-20 ... +85 °C
Protection
Short circuit, overvoltage, reverse polarity
EMC)
According to EN 61326:2004
LD5V
Incremental
Output
Line driver according to RS-422
Excitation voltage
5VDC
± 10%
Excitation current
150 mA max. w/o load
Output frequency
300 kHz max.
Output current
20 mA per channel
Signal level
Ud High at Id=20 mA
³2,5 V
Ud Low at Id=20 mA
£0,5 V
Transition time positive edge
< 100 ns
Transition time negative edge
< 100 ns
Stability (Temperature)
±20 x 10
-6 / °C full scale (sensor mechanism)
Operation temperature
-20 ... +85 °C
Protection
Short circuit, overvoltage
EMC
According to EN 61326:2004
Output signals
and output
connectors
Output circuit and
recommended
processing input
circuit
LD5V
PP24V
Signal wiring and
connection
Output signals (Note: Do not
connect pins not listed in this table)
WS19KT:
CONN-DIN-12F-W
WS19KK:
CONN-CONIN-12F-G
Excitation +
M
12
Excitation GND (0V)
K
10
Signal A
E
5
Signal A
F
6
Signal B
H
8
Signal B
A
1
Signal Z (reference pulse)
C
3
Signal Z
D
4
Fault detection signal Uas
G7
Shield
Housing
Housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com