Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-30000-R1K-L05 Datasheet(PDF) 9 Page - ASM GmbH

Part # WS7.5-30000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-30000-R1K-L05 Datasheet(HTML) 9 Page - ASM GmbH

Back Button WS7.5-30000-R1K-L05 Datasheet HTML 5Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 6Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 7Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 8Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 13Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ASM
CAT-WS-E-05
61
www.asm-sensor.com
Output Specifications
IE58LI and IE58HI (IE41LI and IE41HI)
for WS position sensors
IE58LI and IE58HI
incremental
IE58LI / IE41LI
IE58HI / IE41HI
Excitation voltage
5 V DC ±10 %
10 ... 30 V DC
Excitation current
120 mA max.
Max. frequency
300 kHz
200 kHz
Output
RS422
Push-pull antivalent
Output current
±30 mA
30 mA
Output voltage
Depending on the excitation voltage
Stability (temperature)
±20 x 10
-6 / °C f.s. (sensor mechanism)
Operation temperature
-10 … +70 °C
Protection against short circuit
1 channel for 1 s max.
Yes
EMC
According to EN 61326:2004
IE58LI
Output circuit and
recommended
processing input
circuit
Output signals
IE58HI
Signal wiring
Output signals
Connector CONN-CONIN-12F
Excitation +
12
Excitation GND (0V)
10
Signal A
5
Signal A
6
Signal B
8
Signal B
1
Signal Z (reference pulse)
3
Signal Z
4
Connection
Mating connector
CONN-CONIN-12F-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com