Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-30000-R1K-L05 Datasheet(PDF) 13 Page - ASM GmbH

Part # WS7.5-30000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-30000-R1K-L05 Datasheet(HTML) 13 Page - ASM GmbH

Back Button WS7.5-30000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 14Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 15Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 16Page - ASM GmbH WS7.5-30000-R1K-L05 Datasheet HTML 17Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ASM
CAT-WS-E-05
67
www.asm-sensor.com
Interface HPROF
Absolute Encoder
Profibus
Excitation voltage
10 … 30 V DC
Excitation current
250 mA
Interface
RS-485
Protocol
Profibus DP with encoder profile class C2
Resolution
12 (10 … 14)+12bit
Output code
Binary
Baudrate
Automatically selected between 9,6 kBaud
and 12 MBaud
Pragrammability
Resolution, preset, direction
Integrated special functions
Velocity, acceleration, operating time
Bus terminating resistor
Selectable via DIP switch
Connection
Bus cover with T-manifold
EMC
EN61326 : class A
Signal Wiring /
Connection
Signal name
Cable terminal no. (bus cover)
UB in
1
0V in
2
UB out
3
0V out
4
Bin
5
Ain
6
B out
7
A out
8
Output Specification for
absolute encoders with Profibus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com