Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10-WS375-R1K-L25-M4 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS10-WS375-R1K-L25-M4
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-WS375-R1K-L25-M4 Datasheet(HTML) 1 Page - ASM GmbH

  WS10-WS375-R1K-L25-M4 Datasheet HTML 1Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 2Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 3Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 4Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 5Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 6Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 7Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 8Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8
CAT-WS-E-05
ASM
www.asm-sensor.com
Compact sensor for industrial applications
· Protection class IP65
· Measurement ranges:
0 ... 100 mm to 0 ... 1250 mm
· Analog output0…10V,4…20mA, potentiometer
or A/D converted synchronous serial output (SSI)
Specifications
Outputs
Potentiometer: 1 k
W
Voltage: 0...10 V
Current: 4...20 mA, 2 or 3 wire
Voltage and current output, adjustable
A/D converted synchronous serial 16 bit max. (SSI)
Resolution
Essentially infinite / ADSI16: max. 16 bit full scale
Material
Aluminium and stainless steel.
Cable: stainless steel
Sensing Device
Precision potentiometer
Connector
Male socket 8 pin (M12 or DIN 45326)
Linearity
Up to ±0.05 % full scale
Protection Class
IP65 (only when the electrical plug is correctly
assembled and connected)
Weight
800 g approx.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Order Code WS10
Model Name
Measurement Range (in mm)
100 / 125 / 375 / 500 / 750 / 1000 / 1250
Outputs (see pages 57 ff.)
R1K
= Potentiometer 1 k
W (other values on request)
10V
= With 0 ... 10 V signal conditioner
420A
= With 4 ... 20 mA signal conditioner (2 wire)
420T
= With 4 ... 20 mA signal conditioner (3 wire)
PMU
= With 0...10 V/4...20 mA signal conditioner, adjustable
ADSI16
= With A/D converted synchronous serial output 16 bit (option: 12, 14 bit)
Linearity
L10 = ±0.10 %
option:
L05 = ±0,05 %
L25 = ±0.25 %
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Connection
M12
= 8 pin socket M12
D8
= 8 pin socket DIN 45326
WS10
Order Example: WS10 - 1250 - 10V - L10 - M4 - M12
Model WS10
with analog or SSI output
Order Code Mating Connector (see accessories p. 82) D8:
M12:
Analog or SSI
CONN-M12-8F-G
CONN-DIN-8F-W


Similar Part No. - WS10-WS375-R1K-L25-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
Analog Output
WS100M-10000-10V-L10-M4VA ASM-SENSOR-WS100M-10000-10V-L10-M4VA Datasheet
1Mb / 6P
Analog Output
WS100M-10000-R1K-L10-M4VA ASM-SENSOR-WS100M-10000-R1K-L10-M4VA Datasheet
1Mb / 6P
Analog Output
WS100M-2000-10V-L10-M4VA ASM-SENSOR-WS100M-2000-10V-L10-M4VA Datasheet
1Mb / 6P
Analog Output
More results

Similar Description - WS10-WS375-R1K-L25-M4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
Analog, SSI or CANopen Output
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
Analog or A/D converted synchronous serial output
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
Analog, SSI or CANopen Output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
analog or SSI output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
Analog or Digital Triple Output DC Power Supply
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
Industrial Analog Current or Voltage Output Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com