Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10-WS375-R1K-L25-M4 Datasheet(PDF) 10 Page - ASM GmbH

Part # WS10-WS375-R1K-L25-M4
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-WS375-R1K-L25-M4 Datasheet(HTML) 10 Page - ASM GmbH

Back Button WS10-WS375-R1K-L25-M4 Datasheet HTML 2Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 3Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 4Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 5Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 6Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 7Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 8Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 9Page - ASM GmbH WS10-WS375-R1K-L25-M4 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ASM
CAT-WS-E-05
63
www.asm-sensor.com
Output Specification
PP530 for WS position sensors
Signal Conditioner
PP530
Incremental
Excitation Voltage
+5 ... +30 VDC
Excitation Current
200 mA max.
Output Frequency
200 kHz max.
Output
Linedriver, Push-Pull, CMOS, TTL and HTL
compatible
Output Current
30 mA max., short circuit protection
Output Voltage
Depends on the excitation voltage (e.g. to
obtain TTL-signals the excitation must be 5 V.)
Compatible to EIA RS-422/RS-485
Stability (Temperature)
±20 x 10
-6 / K full scale (sensor mechanism)
Operation Temperature
-10 ... +70 °C
Storage Temperature
-30 ... +80 °C
Transition Time Positive Edge
250 ns
Transition Time Negative Edge
250 ns
Protection
Reverse polarity, short circuit
EMC
According to EN61326:2004
Signal Levels
Excitation
Level
Ia
£ 5mA
Ia
£ 25 mA
-Ia
£ 5 mA
-Ia
£ 25 mA
5V
UaHigh
>4.2 V
>4.2 V
>4.1 V
>3.8 V
5V
UaLow
<0.5 V
<1.2 V
<0.4 V
<0.4 V
24 V
UaHigh
>23.5 V
>23.5 V
>23.5 V
>22.5 V
24 V
UaLow
<0.5 V
<1.2 V
<0.4 V
<0.4 V
Recommended
Processing
Circuit
Excitation +
Excitation GND
Signal Diagram
Signal A
Signal B
Signal A
Signal B
Signal Z (Reference pulse)
Signal Z
Signal Wiring /
Connection
Output signals
Connector CONN-DIN-8F
Excitation +
1
Excitation GND (0V)
2
Signal B (A + 90°)
3
Signal A
4
Signal B
5
Signal A
6
Signal Z (reference pulse)
7
Signal Z
8
CONN-DIN-8F-W
Mating connector
View to solder terminals
Encoder
PP530



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com