Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XIO2001 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 36 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 32Page - Texas Instruments XIO2001 Datasheet HTML 33Page - Texas Instruments XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
3.5
PCI Port Arbitration
3.5.1
Classic PCI Arbiter
3.6
Configuration Register Translation
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The PCI bus clock (CLK) input provides the clock to the internal PCI bus core and serial IRQ core. When
the internal PCI bus clock source is selected, PCI bus clock output 6 (CLKOUT6) is connected to the PCI
bus clock input (CLK). When an external PCI bus clock source is selected, the external clock source is
connected to the PCI bus clock input (CLK). For external clock mode, all seven CLKOUT6:0 terminals
must be disabled using the clock control register at offset D8h (see Section 4.66).
The internal PCI port arbitration logic supports up to six external PCI bus devices plus the bridge. This
bridge supports a classic PCI arbiter.
The classic PCI arbiter is configured through the classic PCI configuration space at offset DCh. Table 3-5
identifies and describes the registers associated with classic PCI arbitration mode.
Table 3-5. Classic PCI Arbiter Registers
PCI OFFSET
REGISTER NAME
DESCRIPTION
Contains a two-tier priority scheme for the bridge and six PCI bus devices. The
Classic PCI configuration
Arbiter control
bridge defaults to the high priority tier. The six PCI bus devices default to the low
register DCh
(see Section 4.69)
priority tier. A bus parking control bit (bit 7, PARK) is provided.
Six mask bits provide individual control to block each PCI Bus REQ input. Bit 7
(ARB_TIMEOUT) in the arbiter request mask register enables generating timeout
Classic PCI configuration
Arbiter request mask
status if a PCI device does not respond within 16 PCI bus clocks. Bit 6
register DDh
(see Section 4.70)
(AUTO_MASK) in the arbiter request mask register automatically masks a PCI bus
REQ if the device does not respond after GNT is issued. The AUTO_MASK bit is
cleared to disable any automatically generated mask.
Classic PCI configuration
Arbiter time-out status
When bit 7 (ARB_TIMEOUT) in the arbiter request mask register is asserted,
register DEh
(see Section 4.71)
timeout status for each PCI bus device is reported in this register.
PCI Express configuration register transactions received by the bridge are decoded based on the
transaction’s destination ID. These configuration transactions can be broken into three subcategories: type
0 transactions, type 1 transactions that target the secondary bus, and type 1 transactions that target a
downstream bus other than the secondary bus.
PCI Express type 0 configuration register transactions always target the configuration space and are never
passed on to the secondary interface.
Type 1 configuration register transactions that target a device on the secondary bus are converted to type
0 configuration register transactions on the PCI bus. Figure 3-5 shows the address phase of a type 0
configuration transaction on the PCI bus as defined by the PCI specification.
Figure 3-5. Type 0 Configuration Transaction Address Phase Encoding
In addition, the bridge converts the destination ID device number to one of the AD[31:16] lines as the
IDSEL signal. The implemented IDSEL signal mapping is shown in Table 3-6.
36
Feature/Protocol Descriptions
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com