Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XIO2001 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 26 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 2-10. Miscellaneous Terminals (continued)
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
GPIO0 //
N09
N09
I/O
LV
VDD_33
General-purpose I/O 0/clock run. This terminal
CLKRUN
CMOS
functions as a GPIO controlled by bit 0
(GPIO0_DIR) in the GPIO control register (see
Section 4.59) or the clock run terminal. This
terminal is used as clock run input when the
bridge is placed in clock run mode.
Optional
pullup
Note: In clock run mode, an external pullup
resistor
resistor is required to prevent the CLKRUN
signal from floating.
Note: This terminal has an internal active
pullup resistor. The pullup is only active when
reset is asserted or when the GPIO is
configured as an input.
GPIO1 //
M09
M09
I/O
LV
VDD_33
General-purpose I/O 1/power override. This
PWR_OVR
CMOS
terminal functions as a GPIO controlled by bit 1
D
(GPIO1_DIR) in the GPIO control register (see
Section 4.59) or the power override output
terminal. GPIO1 becomes PWR_OVRD when
bits 22:20 (POWER_OVRD) in the general
–
control register are set to 001b or 011b (see
Section 4.65).
Note: This terminal has an internal active
pullup resistor. The pullup is only active when
reset is asserted or when the GPIO is
configured as an input.
GPIO2
N10
N10
I/O
LV
VDD_33
General-purpose I/O 2. This terminal functions
CMOS
as a GPIO controlled by bit 2 (GPIO2_DIR) in
the GPIO control register (see Section 4.59).
–
Note: This terminal has an internal active
pullup resistor. The pullup is only active when
reset is asserted or when the GPIO is
configured as an input.
GPIO3 //
N11
L08
I/O
LV
VDD_33
GPIO3
or
serial-bus
data.
This
terminal
SDA
CMOS
functions as serial-bus data if a pullup resistor
is detected on SCL or when the SBDETECT bit
is set in the Serial Bus Control and Status
Optional
Register (see Section 4.58). If no pullup is
pullup
detected
then
this
terminal
functions
as
resistor
GPIO3.
Note: In serial-bus mode, an external pullup
resistor is required to prevent the SDA signal
from floating.
GPIO4 //
M10
M10
I/O
LV
VDD_33
GPIO4
or
serial-bus
clock.
This
terminal
SCL
CMOS
functions as serial-bus clock if a pullup resistor
is detected on SCL or when the SBDETECT bit
is set in the Serial Bus Control and Status
Register (see Section 4.58). If no pullup is
detected
then
this
terminal
functions
as
Optional
GPIO4.
pullup
Note: In serial-bus mode, an external pullup
resistor
resistor is required to prevent the SCL signal
from floating.
Note: This terminal has an internal active
pullup resistor. The pullup is only active when
reset is asserted or when the GPIO is
configured as an input.
Overview
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com