Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8579T/1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8579T/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8579T/1 Datasheet HTML 13Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 14Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 15Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 16Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 17Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 18Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 19Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 20Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
17 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
8.7 Display RAM
The PCF8579 contains a 32
× 40-bit static RAM which stores the display data. The RAM
is divided into 4 banks of 40 bytes (4
× 8 × 40 bits). During RAM access, data is
transferred to or from the RAM via the I2C-bus.
8.7.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows an individual data byte or a series of data bytes to be written into, or read from, the
display RAM, controlled by commands sent on the I2C-bus.
8.7.2 Subaddress counter
The storage and retrieval of display data is dependent on the content of the subaddress
counter. Storage and retrieval take place only when the contents of the subaddress
counter matches with the hardware subaddress at pins A0, A1, A2 and A3.
8.8 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus.
The five commands available to the PCF8579 are defined in Table 6.
The most-significant bit of a command is the continuation bit C (see Table 7 and
Figure 14). Commands are transferred in WRITE mode only.
Table 6.
Definition of PCF8579 commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
set-mode
C
1
0
T
E[1:0]
M[1:0]
Table 8
set-start-bank
C
11111
B[1:0]
Table 9
device-select
C
1
1
0
A[3:0]
Table 10
RAM-access
C
1
1
1
G[1:0]
Y[1:0]
Table 11
load-X-address
C
0
X[5:0]
Table 12
Table 7.
C bit description
Bit
Symbol
Value
Description
7
C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too
C = 0; last command.
C = 1; commands continue.
Fig 14. General information of command byte
msa833
REST OF OPCODE
C
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com