Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCM519AD02DR Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCM519AD02DR
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AD02DR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCM519AD02DR Datasheet HTML 10Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 11Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 12Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 13Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 14Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 15Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 16Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 17Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14/49
XCM519 Series
E-3
DROPOUT VOLTAGE 3 (mV)
Vdif3
VBIAS =3.0(V)
VBIAS =3.3(V)
VBIAS =3.6(V)
VBIAS =4.2(V)
VBIAS =5.0(V)
NOMINAL OUTPUT
VOLTAGE (V)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
VVROUT(T)
Vgs
(*1)
(V)
TYP
MAX
Vgs
(V)
TYP
MAX
Vgs
(V)
TYP
MAX
Vgs
(V)
TYP
MAX
Vgs
(V)
TYP
MAX
0.70
2.30
130
300
2.60
115
300
2.90
107
300
3.50
95
300
4.30
89
300
0.75
2.25
250
2.55
250
2.85
250
3.45
250
4.25
250
0.80
2.20
134
200
2.50
117
200
2.80
109
200
3.40
96
200
4.20
90
200
0.85
2.15
2.45
2.75
3.35
150
4.15
150
0.90
2.10
138
204
2.40
119
181
2.70
111
167
3.30
97
148
4.10
90
132
0.95
2.05
2.35
2.65
3.25
4.05
1.00
2.00
145
216
2.30
130
190
2.60
115
170
3.20
98
151
4.00
91
134
1.05
1.95
2.25
2.55
3.15
3.95
1.10
1.90
153
227
2.20
134
197
2.50
117
176
3.10
101
153
3.90
92
137
1.15
1.85
2.15
2.45
3.05
3.85
1.20
1.80
161
239
2.10
138
204
2.40
119
181
3.00
105
155
3.80
93
139
1.25
1.75
2.05
2.35
2.95
3.75
1.30
1.70
173
264
2.00
145
216
2.30
130
190
2.90
107
159
3.70
93
140
1.35
1.65
1.95
2.25
2.85
3.65
1.40
1.60
184
289
1.90
153
227
2.20
134
197
2.80
109
163
3.60
94
141
1.45
1.55
1.85
2.15
2.75
3.55
1.50
1.50
196
313
1.80
161
239
2.10
138
204
2.70
111
167
3.50
95
142
1.55
1.45
209
323
1.75
2.05
2.65
3.45
1.60
1.40
222
344
1.70
173
264
2.00
145
216
2.60
115
170
3.40
96
145
1.65
1.35
239
388
1.65
1.95
2.55
3.35
1.70
1.30
256
442
1.60
184
289
1.90
153
227
2.50
117
176
3.30
97
148
1.75
1.25
1.55
1.85
2.45
3.25
1.80
1.20
-
-
1.50
196
313
1.80
161
239
2.40
119
181
3.20
98
151
■DROPOUT VOLTAGE CHART (Continued)
*1): Vgs is a Gate –Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com