Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCM519AD02DR Datasheet(PDF) 33 Page - Torex Semiconductor

Part # XCM519AD02DR
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AD02DR Datasheet(HTML) 33 Page - Torex Semiconductor

Back Button XCM519AD02DR Datasheet HTML 29Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 30Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 31Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 32Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 33Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 34Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 35Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 36Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 37Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
XCM519
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(15) Load Transient Response (Continued)
DCOUTT=1.8V,3.0MHz(PWM/PFM Automatic Switching Control)
L=1.5μH(NR3015), CIN1=10μF(ceramic), CL1=10μF(ceramic),Topr=25℃
VIN1=3.6V, EN=VIN1
IOUT=1mA → 100mA
IOUT=1mA → 300mA
1ch : IOUT
1ch : IOUT
2ch
2ch
VOUT : 50mV/div
VOUT : 50mV/div
50μs/div
50μs/div
IOUT=100mA → 1mA
IOUT=300mA → 1mA
1ch : IOUT
1ch : IOUT
2ch
2ch
VOUT : 50mV/div
VOUT : 50mV/div
200μs/div
200μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com