Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6701DF22PR Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6701DF22PR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF22PR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6701DF22PR Datasheet HTML 12Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 13Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 14Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 15Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 16Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 17Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 18Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 19Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16/31
XC6701 Series
XC6701B/D J02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D C02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D 182
0
10
20
30
40
50
60
70
0
4
8
12
16202428
Input Voltage : VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃
XC6701B/D 502
0
10
20
30
40
50
60
70
0
4
8
12
16202428
Input Voltage : VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃
XC6701B/D 182
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
100
Ambient Temperature : Ta (℃)
VIN=3.8V
XC6701B/D 502
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
100
Ambient Temperature : Ta (℃)
VIN=7.0V
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current (Continued)
(4) Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com